Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC89080 Datasheet (PDF) - Sanyo Semicon Device

LC89080 Datasheet PDF - Sanyo Semicon Device
Part # LC89080
Download  LC89080 Download
File Size   107.51 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Video Signal 3-Channel 8-Bit D/A Converter

LC89080 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC89080 Datasheet PDF - Sanyo Semicon Device

Part # LC89080
Download  LC89080 Click to download

File Size   107.51 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Video Signal 3-Channel 8-Bit D/A Converter

LC89080 Datasheet (HTML) - Sanyo Semicon Device


LC89080 Product details

Overview
The LC89080 and LC89080Q are high-speed currentoutput D/A converters. They feature 8-bit resolution, provide 3 channels on a single chip, and can be used in demodulators for high-speed signals such as video signals.

Features
• Resolution: 8 bits
• D/A converters: Three current-output D/A converter channels on a single chip
• Maximum conversion speed: 30 MSPS
• Error: ±1.0 LSB (maximum)
• Power supply: +5 V single-voltage power supply
• Power dissipation: 330 mW
• Inputs: TTL compatible




Similar Part No. - LC89080

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89086M SANYO-LC89086M Datasheet
61Kb / 6P
8 Bit A/D Converter
More results


Similar Description - LC89080

ManufacturerPart #DatasheetDescription
logo
Rohm
BU3616K ROHM-BU3616K Datasheet
56Kb / 5P
3-channel, 8-bit D / A converter
BU3618K ROHM-BU3618K Datasheet
63Kb / 6P
3-channel 8-bit D / A converter
logo
Analog Devices
AD9048 AD-AD9048 Datasheet
109Kb / 8P
Monolithic 8-Bit Video A/D Converter
REV.C
logo
fujitsu semiconductor
MB40558 FUJITSU-MB40558 Datasheet
85Kb / 8P
1 CHANNEL 8-BIT VIDEO A/D CONVERTER
MB40578 FUJITSU-MB40578 Datasheet
60Kb / 10P
1 CHANNEL 8-BIT VIDEO A/D CONVERTER
MB40958 FUJITSU-MB40958 Datasheet
148Kb / 11P
3-Channel 8-Bit D/A Converter
MB40988 FUJITSU-MB40988 Datasheet
363Kb / 11P
3-Channel 8-Bit D/A Converter
logo
List of Unclassifed Man...
ADC-321 ETC-ADC-321 Datasheet
174Kb / 8P
8-Bit, 50MHz Video A/D Converter
AH8308EC ETC1-AH8308EC Datasheet
209Kb / 3P
8-Bit RGB video d/a converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
8-Bit Video Flash A/D Converter
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com