Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40558 Datasheet (PDF) - fujitsu semiconductor

MB40558 Datasheet PDF - fujitsu semiconductor
Part # MB40558
Download  MB40558 Download
File Size   85.63 Kbytes
Page   8 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 1 CHANNEL 8-BIT VIDEO A/D CONVERTER

MB40558 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB40558 Datasheet PDF - fujitsu semiconductor

Part # MB40558
Download  MB40558 Click to download

File Size   85.63 Kbytes
Page   8 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 1 CHANNEL 8-BIT VIDEO A/D CONVERTER

MB40558 Datasheet (HTML) - fujitsu semiconductor


MB40558 Product details

■ DESCRIPTION
The Fujitsu MB40558 is a low power ultra-high speed video A/D converter fabricated with Fujitsu Advanced Bipolar Technology. The MB40558 also adopts the fully-parallel comparision technique (flash method) for high speed conversion and can concert wide bandanalog signal such as video signal to digital signal at sampling rate of DC through 40 Mega-samples/sec. Because of such high speed operation, the MB40558 is suitable for digital video applications such as the digital TV, video processing with computer, or ladder signal processing.

■ FEATURES
• Resolution: 8 bits
• Linearity Error: ±0.15%
• Maximum Conversion Rate: 40 MSPS (min.)
• Digital I/O Level: TTL Compatible
• Analog Input Voltage: 3.0V to 5.0V(2Vp–p)
• Single Power Supply: 5.0V
• Power dissipation: 350 mW (typ.)
• Further Function: On Chip Reference Voltage Generator
• Package: Standard 20-pin Plastic DIP Package: Suffix: –P
                  Standard 20-pin Plastic Flat Package: Suffix: –PF




Similar Part No. - MB40558

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB4051 FUJITSU-MB4051 Datasheet
750Kb / 23P
8 CH 10 BIT A/D CONVERTER
MB40528 FUJITSU-MB40528 Datasheet
301Kb / 14P
1 Channel 8-bit A/D Converter
MB4053 FUJITSU-MB4053 Datasheet
135Kb / 17P
6-Channel 8-BIT A/D Converter
MB4053M FUJITSU-MB4053M Datasheet
135Kb / 17P
6-Channel 8-BIT A/D Converter
MB4053PF FUJITSU-MB4053PF Datasheet
135Kb / 17P
6-Channel 8-BIT A/D Converter
More results


Similar Description - MB40558

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89080 SANYO-LC89080 Datasheet
107Kb / 8P
Video Signal 3-Channel 8-Bit D/A Converter
logo
Analog Devices
AD9048 AD-AD9048 Datasheet
109Kb / 8P
Monolithic 8-Bit Video A/D Converter
REV.C
logo
fujitsu semiconductor
MB40528 FUJITSU-MB40528 Datasheet
301Kb / 14P
1 Channel 8-bit A/D Converter
MB40578 FUJITSU-MB40578 Datasheet
60Kb / 10P
1 CHANNEL 8-BIT VIDEO A/D CONVERTER
MB4072 FUJITSU-MB4072 Datasheet
89Kb / 8P
1 CHANNEL 8-BIT D/A CONVERTER
logo
List of Unclassifed Man...
ADC-321 ETC-ADC-321 Datasheet
174Kb / 8P
8-Bit, 50MHz Video A/D Converter
AH8308EC ETC1-AH8308EC Datasheet
209Kb / 3P
8-Bit RGB video d/a converter
logo
fujitsu semiconductor
MB40778 FUJITSU-MB40778 Datasheet
266Kb / 9P
1 Channel 8-bit D/A Converter
MB40576 FUJITSU-MB40576 Datasheet
508Kb / 11P
ASSP 1 CHANNEL 6-BIT VIDEO A/D CONVERTER
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
8-Bit Video Flash A/D Converter
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com