Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB4072 Datasheet (PDF) - fujitsu semiconductor

MB4072 Datasheet PDF - fujitsu semiconductor
Part # MB4072
Download  MB4072 Download
File Size   89.73 Kbytes
Page   8 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 1 CHANNEL 8-BIT D/A CONVERTER

MB4072 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB4072 Datasheet PDF - fujitsu semiconductor

Part # MB4072
Download  MB4072 Click to download

File Size   89.73 Kbytes
Page   8 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 1 CHANNEL 8-BIT D/A CONVERTER

MB4072 Datasheet (HTML) - fujitsu semiconductor


MB4072 Product details

The Fujitsu MB4072 is a High-Speed Digital to Analog Converter IC. The MB4072’s current outputs are high impedance open-collector, which provide voltage output with a load or current to voltage converter for various applications with operational amplifiers, microcomputers, etc.
Threshold level of digital inputs is variable with the level control input for various interface level.

• Settling Time : 85ns
• Linearity Error : ±0.19%max.
• Full-scale Temperature coefficient: ±10ppm/°C typ.
• Output Voltage Compliance : -10V to +18V
• Multiplying Operation
• True/Complimentary Current Sink Output
• Adjustable Threshold Level of Digital Inputs :Interface directly with TTL, CMOS, ECL, etc.
• Wide Supply Voltage Range : ±4.5V to ±18V
• Low Power Consumption : 33mW at ±5V typ.
• Operation Temperature : -40°C to +85°C
• Compatible with DAC-08
• Package : Plastic DIP Package: (Suffix: -P)
                   Plastic FPT Package: (Suffix: -PF)




Similar Part No. - MB4072

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB40730 FUJITSU-MB40730 Datasheet
406Kb / 16P
1 CHANNEL 10-BIT D/A CONVERTER
MB40760 FUJITSU-MB40760 Datasheet
129Kb / 17P
1CHANNEL 10-BIT D/A CONVERTER
MB40768H FUJITSU-MB40768H Datasheet
132Kb / 16P
D/A Converter (1-ch, 8-bit, 60 MSPS)
MB40768HP FUJITSU-MB40768HP Datasheet
132Kb / 16P
D/A Converter (1-ch, 8-bit, 60 MSPS)
MB40768HPF FUJITSU-MB40768HPF Datasheet
132Kb / 16P
D/A Converter (1-ch, 8-bit, 60 MSPS)
More results


Similar Description - MB4072

ManufacturerPart #DatasheetDescription
logo
Rohm
BU3616K ROHM-BU3616K Datasheet
56Kb / 5P
3-channel, 8-bit D / A converter
logo
fujitsu semiconductor
MB40528 FUJITSU-MB40528 Datasheet
301Kb / 14P
1 Channel 8-bit A/D Converter
MB40558 FUJITSU-MB40558 Datasheet
85Kb / 8P
1 CHANNEL 8-BIT VIDEO A/D CONVERTER
MB40578 FUJITSU-MB40578 Datasheet
60Kb / 10P
1 CHANNEL 8-BIT VIDEO A/D CONVERTER
MB40C368 FUJITSU-MB40C368 Datasheet
122Kb / 10P
A/D Converter (1-channel, 8-bit, 18MHz)
MB40C558 FUJITSU-MB40C558 Datasheet
148Kb / 12P
A/D Converter (1-channel, 8-bit, 45MHz)
MB40C568 FUJITSU-MB40C568 Datasheet
162Kb / 12P
A/D Converter (1-channel, 8-bit, 20MHz)
MB40C568H FUJITSU-MB40C568H Datasheet
162Kb / 12P
A/D Converter (1-channel, 8-bit, 30MHz)
logo
National Semiconductor ...
ADC082S101 NSC-ADC082S101 Datasheet
925Kb / 19P
2 Channel, 1 MSPS, 8-Bit A/D Converter
logo
fujitsu semiconductor
MB40778 FUJITSU-MB40778 Datasheet
266Kb / 9P
1 Channel 8-bit D/A Converter
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com