Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40C568H Datasheet (PDF) - fujitsu semiconductor

MB40C568H Datasheet PDF - fujitsu semiconductor
Part # MB40C568H
Download  MB40C568H Download
File Size   162.12 Kbytes
Page   12 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description A/D Converter (1-channel, 8-bit, 30MHz)

MB40C568H Datasheet (PDF)

Go To PDF Page Download Datasheet
MB40C568H Datasheet PDF - fujitsu semiconductor

Part # MB40C568H
Download  MB40C568H Click to download

File Size   162.12 Kbytes
Page   12 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description A/D Converter (1-channel, 8-bit, 30MHz)

MB40C568H Datasheet (HTML) - fujitsu semiconductor


MB40C568H Product details

■ DESCRIPTION
The MB40C568H is a high-speed A/D converter using high-speed CMOS process technology.

■ FEATURES
• Resolution: 8 bits
• Linearity error: ±0.20% (Typ.)
• Maximum conversion rate: 30 MSPS (Min.)
• Power supply voltage:Analog section +5.0 V Digital section +3.0 V or +5.0 V
• Digital input voltage range: TTL level
• Digital output voltage range: CMOS level compatible
• Analog input voltage range: 0.5 to 4 V (with 2 Vp-p)
• Analog input capacity: 15 pF (Typ.)
• Power consumption: 90 mW (Typical: @fCLK = 30 MHz, AVDD = 5 V, DVDD = 3 V) 110 mW (Typical: @fCLK = 30 MHz, AVDD = DVDD = 5 V)
• Additional function: Reference voltage generator circuit: VREFT = 3 V, VREFB = 1 V
• Package options: SOP24, SSOP24




Similar Part No. - MB40C568H

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB40C568 FUJITSU-MB40C568 Datasheet
162Kb / 12P
A/D Converter (1-channel, 8-bit, 20MHz)
MB40C568PF FUJITSU-MB40C568PF Datasheet
162Kb / 12P
A/D Converter (1-channel, 8-bit, 20MHz)
MB40C568PFV FUJITSU-MB40C568PFV Datasheet
162Kb / 12P
A/D Converter (1-channel, 8-bit, 20MHz)
More results


Similar Description - MB40C568H

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB40528 FUJITSU-MB40528 Datasheet
301Kb / 14P
1 Channel 8-bit A/D Converter
MB40558 FUJITSU-MB40558 Datasheet
85Kb / 8P
1 CHANNEL 8-BIT VIDEO A/D CONVERTER
MB40578 FUJITSU-MB40578 Datasheet
60Kb / 10P
1 CHANNEL 8-BIT VIDEO A/D CONVERTER
MB4072 FUJITSU-MB4072 Datasheet
89Kb / 8P
1 CHANNEL 8-BIT D/A CONVERTER
MB40C218 FUJITSU-MB40C218 Datasheet
123Kb / 11P
30MHz 8-bit A/D Converter (With AMP)
MB40C368 FUJITSU-MB40C368 Datasheet
122Kb / 10P
A/D Converter (1-channel, 8-bit, 18MHz)
MB40C558 FUJITSU-MB40C558 Datasheet
148Kb / 12P
A/D Converter (1-channel, 8-bit, 45MHz)
MB40C568 FUJITSU-MB40C568 Datasheet
162Kb / 12P
A/D Converter (1-channel, 8-bit, 20MHz)
logo
National Semiconductor ...
ADC082S101 NSC-ADC082S101 Datasheet
925Kb / 19P
2 Channel, 1 MSPS, 8-Bit A/D Converter
logo
fujitsu semiconductor
MB40778 FUJITSU-MB40778 Datasheet
266Kb / 9P
1 Channel 8-bit D/A Converter
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com