Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40C558 Datasheet (PDF) - fujitsu semiconductor

MB40C558 Datasheet PDF - fujitsu semiconductor
Part # MB40C558
Download  MB40C558 Download
File Size   148.49 Kbytes
Page   12 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description A/D Converter (1-channel, 8-bit, 45MHz)

MB40C558 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB40C558 Datasheet PDF - fujitsu semiconductor

Part # MB40C558
Download  MB40C558 Click to download

File Size   148.49 Kbytes
Page   12 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description A/D Converter (1-channel, 8-bit, 45MHz)

MB40C558 Datasheet (HTML) - fujitsu semiconductor


MB40C558 Product details

■ DESCRIPTION
The MB40C558 is a high-speed A/D converter using high-speed CMOS process technology.

■ FEATURES
• Resolution: 8 bits
• Linearity error: ±0.20% (Typ.)
• Maximum conversion rate: 45 MSPS (Min.)
• Power supply voltage: Analog section +5.0 V
                                      Digital section +3.0 V or +5.0 V
• Digital input voltage range: TTL level
• Digital output voltage range: CMOS level compatible
• Analog input voltage range: 0.5 to 3 V (with 2 Vp-p)
• Analog input capacity: 15 pF (Typ.)
• Power consumption: 110 mW (Typical: @fCLK = 45 MHz, AVDD = 5 V, DVDD = 3 V)
                                    135 mW (Typical: @fCLK = 45 MHz, AVDD = 5 V, DVDD = 3 V)
• Additional function: Reference voltage generator circuit: VREFT = 3 V, VREFB = 1 V
• Package options: SOP24, SSOP24




Similar Part No. - MB40C558

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB40C568 FUJITSU-MB40C568 Datasheet
162Kb / 12P
A/D Converter (1-channel, 8-bit, 20MHz)
MB40C568H FUJITSU-MB40C568H Datasheet
162Kb / 12P
A/D Converter (1-channel, 8-bit, 30MHz)
MB40C568HPF FUJITSU-MB40C568HPF Datasheet
162Kb / 12P
A/D Converter (1-channel, 8-bit, 30MHz)
MB40C568HPFV FUJITSU-MB40C568HPFV Datasheet
162Kb / 12P
A/D Converter (1-channel, 8-bit, 30MHz)
MB40C568PF FUJITSU-MB40C568PF Datasheet
162Kb / 12P
A/D Converter (1-channel, 8-bit, 20MHz)
More results


Similar Description - MB40C558

ManufacturerPart #DatasheetDescription
logo
Rohm
BU3616K ROHM-BU3616K Datasheet
56Kb / 5P
3-channel, 8-bit D / A converter
logo
fujitsu semiconductor
MB40528 FUJITSU-MB40528 Datasheet
301Kb / 14P
1 Channel 8-bit A/D Converter
MB40558 FUJITSU-MB40558 Datasheet
85Kb / 8P
1 CHANNEL 8-BIT VIDEO A/D CONVERTER
MB40578 FUJITSU-MB40578 Datasheet
60Kb / 10P
1 CHANNEL 8-BIT VIDEO A/D CONVERTER
MB4072 FUJITSU-MB4072 Datasheet
89Kb / 8P
1 CHANNEL 8-BIT D/A CONVERTER
MB40C368 FUJITSU-MB40C368 Datasheet
122Kb / 10P
A/D Converter (1-channel, 8-bit, 18MHz)
MB40C568 FUJITSU-MB40C568 Datasheet
162Kb / 12P
A/D Converter (1-channel, 8-bit, 20MHz)
MB40C568H FUJITSU-MB40C568H Datasheet
162Kb / 12P
A/D Converter (1-channel, 8-bit, 30MHz)
logo
National Semiconductor ...
ADC082S101 NSC-ADC082S101 Datasheet
925Kb / 19P
2 Channel, 1 MSPS, 8-Bit A/D Converter
logo
fujitsu semiconductor
MB40778 FUJITSU-MB40778 Datasheet
266Kb / 9P
1 Channel 8-bit D/A Converter
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com