Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40C558 Datasheet(PDF) 8 Page - fujitsu semiconductor

Part # MB40C558
Description  A/D Converter (1-channel, 8-bit, 45MHz)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C558 Datasheet(HTML) 8 Page - fujitsu semiconductor

Back Button MB40C558 Datasheet HTML 4Page - fujitsu semiconductor MB40C558 Datasheet HTML 5Page - fujitsu semiconductor MB40C558 Datasheet HTML 6Page - fujitsu semiconductor MB40C558 Datasheet HTML 7Page - fujitsu semiconductor MB40C558 Datasheet HTML 8Page - fujitsu semiconductor MB40C558 Datasheet HTML 9Page - fujitsu semiconductor MB40C558 Datasheet HTML 10Page - fujitsu semiconductor MB40C558 Datasheet HTML 11Page - fujitsu semiconductor MB40C558 Datasheet HTML 12Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
MB40C558
s TIMING CHART
s DIGITAL OUTPUT BUFFER LOAD CIRCUIT
SAMPLEN
SAMPLEN+1
tpd
tw+
3 V
0 V
CLK
VINA
VOH
VOL
D1 to D8
1.5 V
0.5 DVDD
DATAN–2
DATAN–1
DATAN
tw–
(Note) CL value includes the floating capacitance of the jig and probe.
CL = 15 pF
To measurement pin
Measurement point
DVSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com