Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40C218 Datasheet (PDF) - fujitsu semiconductor

MB40C218 Datasheet PDF - fujitsu semiconductor
Part # MB40C218
Download  MB40C218 Download
File Size   123.16 Kbytes
Page   11 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 30MHz 8-bit A/D Converter (With AMP)

MB40C218 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB40C218 Datasheet PDF - fujitsu semiconductor

Part # MB40C218
Download  MB40C218 Click to download

File Size   123.16 Kbytes
Page   11 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 30MHz 8-bit A/D Converter (With AMP)

MB40C218 Datasheet (HTML) - fujitsu semiconductor


MB40C218 Product details

■ DESCRIPTION
MB40C218 is a high-speed converter using a fast CMOS technology.

■ FEATURES
• Resolution : 8 bit
• Linearity error : ±0.2% (standard)
• Differential linearity error : ±0.12% (standard)
• Maximum conversion rate : 30 MSPS(minimum)
• Supply voltage : Amplifier +5.00 ± 0.25 [V]
                             A/D converter +3.00 ± 0.30 [V]
• Digital input voltage range : TTL compatible
• Digital output voltage range : 3 V CMOS level compatible (tristate output)
• Analog input voltage range : 0 to 1.5 V (1.5 VP-P)
• analog input capacitance : 15 pF (standard)
• Power dissipation : 90 mW (standard: @ AVDD5 = 5.00 V, AVDD3 = DVDD = 3.00 V)
• Additional features : 1:3 gain amp with dual input selector (bandwidth: 20 MHz, inverting amp)
                                   VRT reference voltage adjustment amp
                                   Power saving capability
                                   Digital output test capability
                                   Analog input offset resistor
• Package : 32-pin plastic QFP




Similar Part No. - MB40C218

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB40C238 FUJITSU-MB40C238 Datasheet
88Kb / 10P
30 MHz 8-bit A/D Converter
MB40C238PFV FUJITSU-MB40C238PFV Datasheet
88Kb / 10P
30 MHz 8-bit A/D Converter
More results


Similar Description - MB40C218

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM65524A OKI-MSM65524A Datasheet
202Kb / 27P
8-Bit Microcontroller with A/D Converter
logo
fujitsu semiconductor
MB40C568H FUJITSU-MB40C568H Datasheet
162Kb / 12P
A/D Converter (1-channel, 8-bit, 30MHz)
logo
List of Unclassifed Man...
ES52110 ETC-ES52110 Datasheet
203Kb / 15P
8-bit D/A Converter
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112 Datasheet
1Mb / 97P
8-bit Microcontroller with A/D Converter
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
8-BIT D-A/A-D CONVERTER
logo
OKI electronic componet...
MSM65522 OKI-MSM65522 Datasheet
183Kb / 22P
8-Bit Microcontroller with A/D Converter
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_08 Datasheet
988Kb / 97P
8-bit Microcontroller with A/D Converter
T80C5112 ATMEL-T80C5112_00 Datasheet
763Kb / 97P
8-bit Microcontroller with A/D converter
logo
STMicroelectronics
CD00001237 STMICROELECTRONICS-CD00001237 Datasheet
1Mb / 105P
8-bit MCUs with A/D converter
Jan-2009
ST62E25CF1 STMICROELECTRONICS-ST62E25CF1 Datasheet
1Mb / 105P
8-bit MCUs with A/D converter
Jan-2009
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com