Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40C238 Datasheet (PDF) - fujitsu semiconductor

MB40C238 Datasheet PDF - fujitsu semiconductor
Part # MB40C238
Download  MB40C238 Download
File Size   88.36 Kbytes
Page   10 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 30 MHz 8-bit A/D Converter

MB40C238 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB40C238 Datasheet PDF - fujitsu semiconductor

Part # MB40C238
Download  MB40C238 Click to download

File Size   88.36 Kbytes
Page   10 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 30 MHz 8-bit A/D Converter

MB40C238 Datasheet (HTML) - fujitsu semiconductor


MB40C238 Product details

■ DESCRIPTION
MB40C238 is a high-speed converter using a fast CMOS technology.

■ FEATURES
• Resolution : 8 bit
• Linearity error : ±0.2% (standard)
• Differential linearity error : ±0.12% (standard)
• Maximum conversion rate : 30 MSPS (minimum)
• Power supply voltage : +3.0 V (single)
• Digital input voltage range : 3 V CMOS level
• Digital output voltage range : 3 V CMOS level compatible (tristate output)
• Analog input voltage range : 0 to 2.0 V (1.2 to 1.8 Vp-p)
• Analog input capacitance : 15 pF (standard)
• Power dissipation : 50 mW (standard: including reference current)
• Additional features : VRT voltage adjustment amp (VRT = 1.2 to 2.0 V)
                                   Power saving capacity (also reference current set to OFF: 0.5 mW or less)
                                   High impedance output
• Package : 24-pin SSOP




Similar Part No. - MB40C238

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB40C218 FUJITSU-MB40C218 Datasheet
123Kb / 11P
30MHz 8-bit A/D Converter (With AMP)
MB40C218PFQ FUJITSU-MB40C218PFQ Datasheet
123Kb / 11P
30MHz 8-bit A/D Converter (With AMP)
More results


Similar Description - MB40C238

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KAD0228BD SAMSUNG-KAD0228BD Datasheet
188Kb / 12P
8-BIT 30 MSPS CMOS A/D CONVERTER
logo
Analog Devices
AD673 AD-AD673 Datasheet
278Kb / 8P
8-Bit A/D Converter
logo
List of Unclassifed Man...
ES52110 ETC-ES52110 Datasheet
203Kb / 15P
8-bit D/A Converter
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
8-BIT D-A/A-D CONVERTER
logo
Sony Corporation
CXA1016P SONY-CXA1016P Datasheet
477Kb / 12P
8-BIT 30/50 MSPS FLASH A/D CONVERTER
CX20116 SONY-CX20116 Datasheet
592Kb / 10P
8 bit, 100 MHz Flash A/D Converter
logo
Murata Power Solutions ...
ADC-309 MURATA-PS-ADC-309 Datasheet
350Kb / 4P
8-BIT, 500 MHz FLASH A/D CONVERTER
logo
Texas Instruments
DAC0808 TI1-DAC0808 Datasheet
350Kb / 14P
8-Bit D/A Converter
logo
Analog Devices
AD673 AD-AD673_15 Datasheet
265Kb / 8P
8-Bit A/D Converter
REV. A
AD673 AD-AD673_17 Datasheet
299Kb / 9P
8-Bit A/D Converter
23-Feb-2017
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com