Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB4053 Datasheet (PDF) - fujitsu semiconductor

MB4053 Datasheet PDF - fujitsu semiconductor
Part # MB4053
Download  MB4053 Download
File Size   135.96 Kbytes
Page   17 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 6-Channel 8-BIT A/D Converter

MB4053 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB4053 Datasheet PDF - fujitsu semiconductor

Part # MB4053
Download  MB4053 Click to download

File Size   135.96 Kbytes
Page   17 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 6-Channel 8-BIT A/D Converter

MB4053 Datasheet (HTML) - fujitsu semiconductor


MB4053 Product details

■DESCRIPTION

The Fujitsu MB4053 is 6-channel, 8-bit, single-slope A/D converter subsystem designed to be used in a microprocessor based data control system. The MB4053 is single monolithic bipolar IC providing a 1 of 8 address decoder, 8-channel analog multiplier, sample and hold, constant current generator, ramp integrator and comparator in a 16-pin package. This A/D converter subsystems are suitable for a wide range of applications. The resolution required by an application can be obtained by arbitarily selecting a suitable integration time. Also zero offset and full-scale error corrections can be made automatically (auto-zero and auto-calibration) to minimize conversion error.





■FEATURES

• Microprocessor compatible

• Digital input/output: TTL compatible

• Zero offset and full-scale error correction capability

• Ratiometric conversion capability

• Available in 16-pin DIP and Flat Package

• Compatible with MC 14443 and µA9708 (DIP package)

• Single power supply: +4.75 V to +15 V

• Excellent Iinearity: ±0.2% max. error

• Fast conversion time: 300 µs/ch typ.

• Analog input volgage: 0 V to VCC– 2 V (5.25 V max.)

• Power Dissipation: 25 mW typ. at VCC= 5 V




Similar Part No. - MB4053

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB4051 FUJITSU-MB4051 Datasheet
750Kb / 23P
8 CH 10 BIT A/D CONVERTER
MB40528 FUJITSU-MB40528 Datasheet
301Kb / 14P
1 Channel 8-bit A/D Converter
MB40558 FUJITSU-MB40558 Datasheet
85Kb / 8P
1 CHANNEL 8-BIT VIDEO A/D CONVERTER
MB40568 FUJITSU-MB40568 Datasheet
175Kb / 24P
A/D Converter (1-channel, 8-bit low-power model with built-in clamp circuit)
MB40568P-SK FUJITSU-MB40568P-SK Datasheet
175Kb / 24P
A/D Converter (1-channel, 8-bit low-power model with built-in clamp circuit)
More results


Similar Description - MB4053

ManufacturerPart #DatasheetDescription
logo
Rohm
BU3616K ROHM-BU3616K Datasheet
56Kb / 5P
3-channel, 8-bit D / A converter
logo
fujitsu semiconductor
MB40528 FUJITSU-MB40528 Datasheet
301Kb / 14P
1 Channel 8-bit A/D Converter
MB40958 FUJITSU-MB40958 Datasheet
148Kb / 11P
3-Channel 8-Bit D/A Converter
MB40968 FUJITSU-MB40968 Datasheet
107Kb / 18P
2-Channel 8-BIT D/A Converter
MB40988 FUJITSU-MB40988 Datasheet
363Kb / 11P
3-Channel 8-Bit D/A Converter
logo
Hitachi Semiconductor
HD49307 HITACHI-HD49307 Datasheet
37Kb / 8P
Three-Channel 8-bit D/A Converter
logo
National Semiconductor ...
UA9708 NSC-UA9708 Datasheet
203Kb / 6P
6-CHANNEL 8-BIT uP COMPATIBLE A/D CONVERTER
ADC9708 NSC-ADC9708 Datasheet
164Kb / 8P
6-Channel 8-Bit uP Compatible A/D Converter
logo
fujitsu semiconductor
MB40776 FUJITSU-MB40776 Datasheet
283Kb / 11P
1 Channel 6-bit D/A converter
MB40778 FUJITSU-MB40778 Datasheet
266Kb / 9P
1 Channel 8-bit D/A Converter
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com