Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC89610 Datasheet (PDF) - Sanyo Semicon Device

LC89610 Datasheet PDF - Sanyo Semicon Device
Part # LC89610
Download  LC89610 Download
File Size   151.35 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Mini-Disk Decoder LSI

LC89610 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC89610 Datasheet PDF - Sanyo Semicon Device

Part # LC89610
Download  LC89610 Click to download

File Size   151.35 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Mini-Disk Decoder LSI

LC89610 Datasheet (HTML) - Sanyo Semicon Device


LC89610 Product details

Overview
The LC89610 is a playback signal processing CMOS LSI that supports the mini-disk data format. Data that has been decoded by a CD decoder, an ACIRC decoder, or a CDROM decoder circuit is passed to a DRAM controller circuit and the LC89610 uses external DRAM to process shock proof. The shock proof processed data is passed to an audio data decoding LSI, the LC89602.

Features
• EFM decoder and PLL clock generator
• Detection, protection, and interpolation of the EFM frame synchronization signal
• Servo command control
• On-chip ACIRC decoder and ACIRC RAM
• ±8 frame jitter margin
• Powerful error detection and correction (C1: dual errors, C2: quadruple errors)
• CLV control using EFM and ADIP signals
• Subcode Q decoding and CRC error checking
• Shock proof memory using 1, 4, 16, or 64 Mbits of external DRAM
• Buffering control and management for TOC and UTOC data
• Buffering control and management for subdata
• ADIP decoding and CRC error checking
• Low-power design using a 0.8 µm rule CMOS process
• Support for low-voltage operation (VDD = 3.0 to 5.5 V)
• CCB based CPU interface




Similar Part No. - LC89610

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89602 SANYO-LC89602 Datasheet
73Kb / 6P
Audio Decoder LSI for Mini-Disk Playback
LC896431 SANYO-LC896431 Datasheet
43Kb / 6P
MD Decoder IC
More results


Similar Description - LC89610

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7458B-04 SANYO-LC7458B-04 Datasheet
259Kb / 12P
Closed-Caption Decoder LSI
LC82220 SANYO-LC82220 Datasheet
92Kb / 6P
Motion JPEG Decoder LSI
LC8230 SANYO-LC8230 Datasheet
138Kb / 7P
MPEG Audio Decoder LSI
LC89602 SANYO-LC89602 Datasheet
73Kb / 6P
Audio Decoder LSI for Mini-Disk Playback
logo
Toshiba Semiconductor
TC35274 TOSHIBA-TC35274 Datasheet
100Kb / 13P
TOSHIBA MPEG-4 Video Decoder LSI
logo
Sony Corporation
CXD5091GG SONY-CXD5091GG Datasheet
351Kb / 31P
Audio Decoder LSI
CXD5091AGG SONY-CXD5091AGG Datasheet
352Kb / 31P
Ultra low power Audio Decoder LSI
logo
Rohm
BU9457KV ROHM-BU9457KV Datasheet
210Kb / 5P
USB host MP3 Decoder LSI
logo
ON Semiconductor
LA6571 ONSEMI-LA6571 Datasheet
148Kb / 7P
5CH Driver for Mini Disk and Compact Disk
June, 2013
logo
Apacer Technology Inc.
PV170-MPCIE APACER-PV170-MPCIE Datasheet
864Kb / 4P
mini PCIe Disk Module
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com