Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC89602 Datasheet (PDF) - Sanyo Semicon Device

LC89602 Datasheet PDF - Sanyo Semicon Device
Part # LC89602
Download  LC89602 Download
File Size   73.67 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Audio Decoder LSI for Mini-Disk Playback

LC89602 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC89602 Datasheet PDF - Sanyo Semicon Device

Part # LC89602
Download  LC89602 Click to download

File Size   73.67 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Audio Decoder LSI for Mini-Disk Playback

LC89602 Datasheet (HTML) - Sanyo Semicon Device


LC89602 Product details

Overview
The LC89602 is an audio decoder LSI for mini-disk playback units. This LSI implements the processing that precedes the D/A converter in playback-only mini-disk players. That is, the LC89602 receives data in sound frame units from a mini-disk data decoder LSI (such as the Sanyo LC89610), expands the audio signal and decoder that signal directly to a D/A converter.

Features
• Stereo audio expansion implemented in a single chip
• High-precision arithmetic using a 24-bit multiplier
• Expanded dynamic range provided by a block floatingpoint circuit
• Two output systems and independent attenuators built in
• Digital audio outputs with a 20-bit data width and digital audio interface outputs
• Low power design implemented in a 0.8 µm CMOS process
• CCB CPU interface
• Low-voltage operation (VDD = 3.6 to 5.5 V)
• Package: QIP80E




Similar Part No. - LC89602

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89610 SANYO-LC89610 Datasheet
151Kb / 7P
Mini-Disk Decoder LSI
LC896431 SANYO-LC896431 Datasheet
43Kb / 6P
MD Decoder IC
More results


Similar Description - LC89602

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9842 OKI-MSM9842 Datasheet
124Kb / 9P
Playback LSI with Built-in FIFO
logo
Sanyo Semicon Device
LC8230 SANYO-LC8230 Datasheet
138Kb / 7P
MPEG Audio Decoder LSI
LC89610 SANYO-LC89610 Datasheet
151Kb / 7P
Mini-Disk Decoder LSI
logo
Asahi Kasei Microsystem...
AK2347 AKM-AK2347 Datasheet
229Kb / 33P
AUDIO LSI
logo
Panasonic Semiconductor
MN6775511 PANASONIC-MN6775511 Datasheet
73Kb / 2P
AV Decoder LSI for DVD Recorder MN6775511
logo
Rohm
BU7861KN ROHM-BU7861KN Datasheet
401Kb / 6P
Audio LSI for Cellular Phone
logo
Sony Corporation
CXD5091GG SONY-CXD5091GG Datasheet
351Kb / 31P
Audio Decoder LSI
logo
Sanyo Semicon Device
LA6571 SANYO-LA6571 Datasheet
137Kb / 7P
5CH Driver for Mini Disk and Compact Disk
logo
Sony Corporation
CXD5091AGG SONY-CXD5091AGG Datasheet
352Kb / 31P
Ultra low power Audio Decoder LSI
logo
ON Semiconductor
LA6571 ONSEMI-LA6571 Datasheet
148Kb / 7P
5CH Driver for Mini Disk and Compact Disk
June, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com