Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM9842 Datasheet (PDF) - OKI electronic componets

MSM9842 Datasheet PDF - OKI electronic componets
Part # MSM9842
Download  MSM9842 Download
File Size   124.71 Kbytes
Page   9 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Playback LSI with Built-in FIFO

MSM9842 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM9842 Datasheet PDF - OKI electronic componets

Part # MSM9842
Download  MSM9842 Click to download

File Size   124.71 Kbytes
Page   9 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Playback LSI with Built-in FIFO

MSM9842 Datasheet (HTML) - OKI electronic componets


MSM9842 Product details

Playback LSI with Built-in FIFO



This document contains minimum specifications.  For full specifications, please contact your

nearest Oki office or representative.



GENERAL DESCRIPTION

The MSM9842 is a mono/stereo playback LSI with a built-in 1K bit FIFO for easy interface with

external systems or non-semiconductor memory.  It utilizes multiple playback modes, including

the new ADPCM2 algorithm, which allows for even higher quality sound reproduction.  The

playback function of the MSM9842 is controlled by an MCU via 8/16-bit bus interface.



FEATURES

• 16/8-bit bus interface support

• FIFO capacity: User-definable (256/512/1024 bits)

  (buffering time of 32 ms when using 8 kHz sampling frequency, 4-bit ADPCM2/ADPCM, and

in monaural playback)

• Supports four compression algorithms for playback: 4, 5, 6, 7, 8-bit ADPCM2; 4-bit ADPCM; 8; 16-bit PCM; and 8-bit Nonlinear PCM

• Sampling frequency: 4.0 kHz, 6.4 kHz, 8.0 kHz, 12.8 kHz, 16.0 kHz, 32.0 kHz (fosc=4.096 MHz)

• Sampling frequency: 22.05 kHz, 44.1 kHz (fosc=5.6448 MHz)

• DMA interface support

• Volume control (8 steps: 0 dB to –21 dB)

• Built-in 14-bit D/A converter

• Built-in low pass filter (LPF)

• Power supply voltage: 2.7 V to 5.5 V

• Package:

  56-pin plastic QFP (QFP56-P-910-0.65-2K) (Product name: MSM9842GA)




Similar Part No. - MSM9842

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9841 OKI-MSM9841 Datasheet
127Kb / 9P
Recording and Playback LSI with Built-in FIFO
MSM9841GS-2K OKI-MSM9841GS-2K Datasheet
127Kb / 9P
Recording and Playback LSI with Built-in FIFO
MSM9844 OKI-MSM9844 Datasheet
216Kb / 32P
VOICE SYNTHESIS LSI with on-chip FIFO Memory
MSM9844GA OKI-MSM9844GA Datasheet
216Kb / 32P
VOICE SYNTHESIS LSI with on-chip FIFO Memory
MSM9845 OKI-MSM9845 Datasheet
78Kb / 9P
VOICE SYNTHESIS LSI with on-chip FIFO Memory
More results


Similar Description - MSM9842

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MS87V1021 OKI-MS87V1021 Datasheet
458Kb / 63P
Recording and Playback IC with Built-in 2-Mbit DRAM
MSM9841 OKI-MSM9841 Datasheet
127Kb / 9P
Recording and Playback LSI with Built-in FIFO
logo
Panasonic Semiconductor
MN6152U PANASONIC-MN6152U Datasheet
45Kb / 8P
PLL LSI with Built-In Prescaler
MN6153UC PANASONIC-MN6153UC Datasheet
52Kb / 9P
PLL LSI with Built-In Prescaler
MN6155 PANASONIC-MN6155 Datasheet
54Kb / 9P
PLL LSI with Built-In Prescaler
logo
Toshiba Semiconductor
TC9456F TOSHIBA-TC9456F Datasheet
624Kb / 16P
SINGLE CHIP SURROUND LSI WITH A BUILT-IN SRS
logo
Sony Corporation
CXD2930BR SONY-CXD2930BR Datasheet
249Kb / 25P
GPS LSI with Built-in 32-bit RISC CPU
logo
OKI electronic componet...
ML2302 OKI-ML2302 Datasheet
199Kb / 24P
Recording and Playback LSI with Built-in 2-Bit ADPCM2 Supported FIFO
logo
Sanyo Semicon Device
LC75106V SANYO-LC75106V Datasheet
201Kb / 15P
Digital Echo LSI with Built-in Mic Amplifier
logo
ON Semiconductor
LC75106V-TLM-H ONSEMI-LC75106V-TLM-H Datasheet
188Kb / 15P
Digital Echo LSI with Built-in Mic Amplifier
June, 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com