Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2302 Datasheet (PDF) - OKI electronic componets

ML2302 Datasheet PDF - OKI electronic componets
Part # ML2302
Download  ML2302 Download
File Size   199.74 Kbytes
Page   24 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Recording and Playback LSI with Built-in 2-Bit ADPCM2 Supported FIFO

ML2302 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML2302 Datasheet PDF - OKI electronic componets

Part # ML2302
Download  ML2302 Click to download

File Size   199.74 Kbytes
Page   24 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Recording and Playback LSI with Built-in 2-Bit ADPCM2 Supported FIFO

ML2302 Datasheet (HTML) - OKI electronic componets


ML2302 Product details

GENERAL DESCRIPTION
The ML2302 is a recording and playback LSI with built-in FIFO memories for buffering. It employs the new 2-bit ADPCM2 algorithm in addition to conventional 4-bit OKIADPCM and 4-bit OKIADPCM2 algorithms. The ML2302 operates at 2.7 to 3.6 V and supports a variety of applications.

FEATURES
• Built-in two 1024-bit FIFOs
    (buffering time of 32 ms when using 8 kHz sampling frequency and 4-bit ADPCM)
• Supports five compression algorithms for recording and playback:
    2-bit OKIADPCM2; 4/5/6/7-bit OKIADPCM2; 4-bit OKIADPCM; 8/16-bit straight PCM; 8-bit OKI
    Nonlinear PCM
• Source oscillation frequency 16.384 MHz
• Sampling frequency (fsam)
    4.0 to 12.8 kHz (OKIADPCM2)
    4.0 to 25.6 kHz (8-bit straight PCM)
• Supports 8-bit bus interface.
• Built-in voice level detection function (VAC)
• Built-in noise injection function
• Supports external DAC interface.
• Built-in volume control circuit
    (0 dB to –44 dB: –2 dB step, –44 dB to –80 dB: –4 dB step)
• Built-in 14-bit A/D converter and 14-bit D/A converter
• Built-in low pass filter (LPF)
    (recording side: analog filter, playback side: digital filter)
• Built-in speaker amplifier (100 mW, 8Ω)
• Power supply voltage : +2.7 to +3.6 V
• Package : 64-pin plastic TQFP (TQFP64-P-1010-0.50-K) (ML2302TB)
                 : 71-pin W – CSP




Similar Part No. - ML2302

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2330 MICRO-LINEAR-ML2330 Datasheet
210Kb / 7P
Selectable Dual 3V/3.3V/5V 8-Bit DACs
ML2330ES-2 MICRO-LINEAR-ML2330ES-2 Datasheet
210Kb / 7P
Selectable Dual 3V/3.3V/5V 8-Bit DACs
ML2330ES-3 MICRO-LINEAR-ML2330ES-3 Datasheet
210Kb / 7P
Selectable Dual 3V/3.3V/5V 8-Bit DACs
ML2330ES-5 MICRO-LINEAR-ML2330ES-5 Datasheet
210Kb / 7P
Selectable Dual 3V/3.3V/5V 8-Bit DACs
ML2330IS-2 MICRO-LINEAR-ML2330IS-2 Datasheet
210Kb / 7P
Selectable Dual 3V/3.3V/5V 8-Bit DACs
More results


Similar Description - ML2302

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MS87V1021 OKI-MS87V1021 Datasheet
458Kb / 63P
Recording and Playback IC with Built-in 2-Mbit DRAM
MSM9841 OKI-MSM9841 Datasheet
127Kb / 9P
Recording and Playback LSI with Built-in FIFO
MSM9842 OKI-MSM9842 Datasheet
124Kb / 9P
Playback LSI with Built-in FIFO
MSM9888L OKI-MSM9888L Datasheet
106Kb / 14P
Flash-driving Recording and Playback IC
logo
Panasonic Semiconductor
AN3371SB PANASONIC-AN3371SB Datasheet
74Kb / 7P
2-head recording/playback amplifier IC
logo
NXP Semiconductors
TDA1016 PHILIPS-TDA1016 Datasheet
58Kb / 9P
Recording/playback and 2 W audio power amplifier
August 1987
logo
Sony Corporation
CXA1898Q SONY-CXA1898Q Datasheet
660Kb / 26P
Recording/Playback Equalizer Amplifier
CXA2002R SONY-CXA2002R Datasheet
421Kb / 25P
2-channel Recording/Playback Amplifier
logo
Aplus Intergrated Circu...
APR6008 APLUS-APR6008 Datasheet
2Mb / 23P
Voice Recording & Playback Device Voice Recording & Playback Device
logo
Transcend Information. ...
TS2GMP330 TRANSCEND-TS2GMP330 Datasheet
169Kb / 3P
Built-in USB connector And Line-in Recording
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com