Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2330 Datasheet (PDF) - Micro Linear Corporation

ML2330 Datasheet PDF - Micro Linear Corporation
Part # ML2330
Download  ML2330 Download
File Size   210.02 Kbytes
Page   7 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Selectable Dual 3V/3.3V/5V 8-Bit DACs

ML2330 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML2330 Datasheet PDF - Micro Linear Corporation

Part # ML2330
Download  ML2330 Click to download

File Size   210.02 Kbytes
Page   7 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Selectable Dual 3V/3.3V/5V 8-Bit DACs

ML2330 Datasheet (HTML) - Micro Linear Corporation


ML2330 Product details

GENERAL DESCRIPTION

The ML2330 Selectable Dual 3V/3.3V/5V 8-bit DACs are dual voltage output digital-to-analog converters which can be independently programmed, or powered down to conserve power. The devices are intended for use in portable or low power 3V systems where space is critical.



FEATURES

■3V ±10%, 3.3 ±10% or 5V ±10% operation

■Low supply current (3.5mA max)

■Individual and full power down (down to 1µA)

■10Mb/s three-wire serial interface, compatible to SPI and Microwire

■8-pin SOIC package

■Available in Extended Commercial temperature range

    (–20°C to 70°C) and Industrial temperture range

    (–40°C to 85°C)

■Guaranteed monotonicity



 




Similar Part No. - ML2330

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML2302 OKI-ML2302 Datasheet
199Kb / 24P
Recording and Playback LSI with Built-in 2-Bit ADPCM2 Supported FIFO
ML2302TB OKI-ML2302TB Datasheet
199Kb / 24P
Recording and Playback LSI with Built-in 2-Bit ADPCM2 Supported FIFO
logo
Micro Linear Corporatio...
ML2340 MICRO-LINEAR-ML2340 Datasheet
220Kb / 12P
Single Supply, Programmable 8-Bit D/A Converters
ML2340CCP/12 MICRO-LINEAR-ML2340CCP/12 Datasheet
220Kb / 12P
Single Supply, Programmable 8-Bit D/A Converters
ML2340CCP/5 MICRO-LINEAR-ML2340CCP/5 Datasheet
220Kb / 12P
Single Supply, Programmable 8-Bit D/A Converters
More results


Similar Description - ML2330

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5141 MAXIM-MAX5141 Datasheet
410Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 1; 5/01
MAX5232 MAXIM-MAX5232 Datasheet
973Kb / 18P
3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
MAX5258 MAXIM-MAX5258 Datasheet
509Kb / 20P
3V/5V, Low-Power, 8-Bit Octal DACs with Rail-to-Rail Output Buffers
Rev 1; 4/01
MAX5441 MAXIM-MAX5441 Datasheet
385Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 1; 6/01
MAX5234-MAX5235 MAXIM-MAX5234-MAX5235 Datasheet
565Kb / 19P
Single-Supply 3V/5V, Voltage-Output, Dual, Precision 12-Bit DACs
Rev 0; 1/02
MAX5236 MAXIM-MAX5236 Datasheet
553Kb / 19P
Single-Supply 3V/5V, Voltage-Output, Dual, Precision 10-Bit DACs
Rev 0; 1/02
MAX5230 MAXIM-MAX5230 Datasheet
781Kb / 18P
3V/5V, 12-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
MAX5232 MAXIM-MAX5232_09 Datasheet
656Kb / 18P
3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 2; 5/09
MAX5441 MAXIM-MAX5441_08 Datasheet
223Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 10/07
MAX5441 MAXIM-MAX5441_09 Datasheet
249Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 3; 1/09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com