Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2340 Datasheet (PDF) - Micro Linear Corporation

ML2340 Datasheet PDF - Micro Linear Corporation
Part # ML2340
Download  ML2340 Download
File Size   220.87 Kbytes
Page   12 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Single Supply, Programmable 8-Bit D/A Converters

ML2340 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML2340 Datasheet PDF - Micro Linear Corporation

Part # ML2340
Download  ML2340 Click to download

File Size   220.87 Kbytes
Page   12 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Single Supply, Programmable 8-Bit D/A Converters

ML2340 Datasheet (HTML) - Micro Linear Corporation


ML2340 Product details

GENERAL DESCRIPTION

The ML2340 and ML2350 are CMOS voltage output, 8-bit D/A converters with an internal voltage reference and a µP

interface. These devices are designed to be powered by a single supply, although they can be powered from dual

power supplies.



FEATURES

■Programmable output voltage gain settings of 2, 1, 1/2, 1/4provide 8-, 9-, 10-, or 11-bit effective resolution around zero

■AGND to VCCoutput voltage swing

■Bipolar or unipolar output voltage

■4.5V to 13.2V single supply or ±2.25V to ±6.5V dual-supply operation

■Transparent latch allows microprocessor interface with 30ns setup time

■Data flow-through mode

■Voltage reference output

   ML2340 ........................................... 2.25V or 4.50V

   ML2350 ........................................... 2.50V or 5.00V

■Nonlinearity ....................................±1/4LSB or ±1/2LSB

■Output voltage settling time over temperature and supply voltage tolerance

   Within 1V of VCCand AGND ................... 2.5µs max

   Within 100mV of VCCand AGND ............... 5µs max

■TTL and CMOS compatible digital inputs

■Low supply current (5V supply) ..................... 5mA max

■18-pin DIP or surface mount SOlC



 




Similar Part No. - ML2340

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML2302 OKI-ML2302 Datasheet
199Kb / 24P
Recording and Playback LSI with Built-in 2-Bit ADPCM2 Supported FIFO
ML2302TB OKI-ML2302TB Datasheet
199Kb / 24P
Recording and Playback LSI with Built-in 2-Bit ADPCM2 Supported FIFO
logo
Micro Linear Corporatio...
ML2330 MICRO-LINEAR-ML2330 Datasheet
210Kb / 7P
Selectable Dual 3V/3.3V/5V 8-Bit DACs
ML2330ES-2 MICRO-LINEAR-ML2330ES-2 Datasheet
210Kb / 7P
Selectable Dual 3V/3.3V/5V 8-Bit DACs
ML2330ES-3 MICRO-LINEAR-ML2330ES-3 Datasheet
210Kb / 7P
Selectable Dual 3V/3.3V/5V 8-Bit DACs
More results


Similar Description - ML2340

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC0803 PHILIPS-ADC0803 Datasheet
187Kb / 18P
CMOS 8-bit A/D converters
2002 Oct 17
ADC0803 PHILIPS-ADC0803 Datasheet
154Kb / 18P
CMOS 8-bit A/D converters
2002 Oct 17
logo
Integrated Circuit Syst...
MN5120 ICST-MN5120 Datasheet
1Mb / 8P
8-bit A/D Converters
logo
National Semiconductor ...
DAC0807 NSC-DAC0807 Datasheet
222Kb / 10P
8-Bit D/A Converters
logo
ams AG
AS1520 AMSCO-AS1520 Datasheet
94Kb / 2P
10-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
AS1530 AMSCO-AS1530_1 Datasheet
1Mb / 29P
12-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
AS1520 AMSCO-AS1520_1 Datasheet
1Mb / 29P
10-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
logo
API Technologies Corp
MN5120 APITECH-MN5120 Datasheet
1Mb / 8P
8-bit A/D Converters
logo
Texas Instruments
ADCS7476 TI1-ADCS7476 Datasheet
1Mb / 33P
8-Bit A/D Converters
logo
National Semiconductor ...
DAC0808 NSC-DAC0808 Datasheet
195Kb / 10P
8-Bit D/A Converters
January 1995
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com