Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM9841 Datasheet (PDF) - OKI electronic componets

MSM9841 Datasheet PDF - OKI electronic componets
Part # MSM9841
Download  MSM9841 Download
File Size   127.1 Kbytes
Page   9 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Recording and Playback LSI with Built-in FIFO

MSM9841 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM9841 Datasheet PDF - OKI electronic componets

Part # MSM9841
Download  MSM9841 Click to download

File Size   127.1 Kbytes
Page   9 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Recording and Playback LSI with Built-in FIFO

MSM9841 Datasheet (HTML) - OKI electronic componets


MSM9841 Product details

GENERAL DESCRIPTION

The MSM9841 is a mono/stereo record and playback LSI with a built-in 1K bit FIFO for easy interface with external systems or non-semiconductor memory. It utilizes multiple record and playback modes, including the new ADPCM2 algorithm, which allows for even higher quality sound reproduction. The record and playback functions of the MSM9841 is controlled by an MCU via 8/16-bit bus interface.



FEATURES

• 16/8-bit bus interface support

• FIFO capacity: User-definable (256/512/1024 bits)

(buffering time of 32 ms when using 8 kHz sampling frequency, 4-bit ADPCM2/ADPCM, and

in monaural playback)

• Supports four compression algorithms for record and playback:

4, 5, 6, 7, 8-bit ADPCM2; 4-bit ADPCM; 8; 16-bit PCM; and 8-bit Nonlinear PCM

• Sampling frequency: 4.0 kHz, 6.4 kHz, 8.0 kHz, 12.8 kHz, 16.0 kHz, 32.0 kHz* (fosc=4.096 MHz)

• Sampling frequency: 22.05 kHz*, 44.1 kHz* (fosc=5.6448 MHz)

• For the built-in ADC, set the sampling frequency at 16 kHz or less.

• DMA interface support

• Volume control (8 steps: 0 dB to –21 dB)

• Built-in 14-bit A/D converter

• Built-in 14-bit D/A converter

• Built-in low pass filter (LPF) : (input side: analog LPF)

: (output side: digital LPF)

• Power supply voltage: 2.7 V to 5.5 V

• Package:

56-pin plastic QFP (QFP56-P-910-0.65-2K) (Product name: MSM9841GS-2K)




Similar Part No. - MSM9841

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9842 OKI-MSM9842 Datasheet
124Kb / 9P
Playback LSI with Built-in FIFO
MSM9844 OKI-MSM9844 Datasheet
216Kb / 32P
VOICE SYNTHESIS LSI with on-chip FIFO Memory
MSM9844GA OKI-MSM9844GA Datasheet
216Kb / 32P
VOICE SYNTHESIS LSI with on-chip FIFO Memory
MSM9845 OKI-MSM9845 Datasheet
78Kb / 9P
VOICE SYNTHESIS LSI with on-chip FIFO Memory
MSM9845GA OKI-MSM9845GA Datasheet
78Kb / 9P
VOICE SYNTHESIS LSI with on-chip FIFO Memory
More results


Similar Description - MSM9841

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MS87V1021 OKI-MS87V1021 Datasheet
458Kb / 63P
Recording and Playback IC with Built-in 2-Mbit DRAM
MSM9842 OKI-MSM9842 Datasheet
124Kb / 9P
Playback LSI with Built-in FIFO
MSM9888L OKI-MSM9888L Datasheet
106Kb / 14P
Flash-driving Recording and Playback IC
logo
Sony Corporation
CXA1898Q SONY-CXA1898Q Datasheet
660Kb / 26P
Recording/Playback Equalizer Amplifier
CXA1998BQ SONY-CXA1998BQ Datasheet
488Kb / 28P
Recording/Playback Equalizer Amplifier
logo
Aplus Intergrated Circu...
APR6008 APLUS-APR6008 Datasheet
2Mb / 23P
Voice Recording & Playback Device Voice Recording & Playback Device
logo
Rohm
BA5102A ROHM-BA5102A Datasheet
99Kb / 2P
Switchless Recording/Playback Amplifier
logo
OKI electronic componet...
ML2302 OKI-ML2302 Datasheet
199Kb / 24P
Recording and Playback LSI with Built-in 2-Bit ADPCM2 Supported FIFO
logo
Transcend Information. ...
TS2GMP330 TRANSCEND-TS2GMP330 Datasheet
169Kb / 3P
Built-in USB connector And Line-in Recording
logo
Analog Devices
ADAU1382 AD-ADAU1382 Datasheet
1Mb / 84P
Low Noise Stereo Codec with Recording and Playback Processing
REV. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com