Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC89971 Datasheet (PDF) - Sanyo Semicon Device

LC89971 Datasheet PDF - Sanyo Semicon Device
Part # LC89971
Download  LC89971 Download
File Size   178.49 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Multi-system CCD Delay Line?

LC89971 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC89971 Datasheet PDF - Sanyo Semicon Device

Part # LC89971
Download  LC89971 Click to download

File Size   178.49 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Multi-system CCD Delay Line?

LC89971 Datasheet (HTML) - Sanyo Semicon Device


LC89971 Product details

Overview
The LC89971 and LC89971M are CCD delay lines for multi television systems. They incorporate a comb filter for chrominance signal and a 1H delay line for luminance signal.

Features
• 5 V single-voltage power supply
• Built-in PLL 4 × frequency multiplier circuit allows 4 fsc operation from an fsc (3.58 MHz) input.
• Control pin switchable to handle NTSC/M, PAL/GBI and PAL/M systems.
• Built-in chrominance signal crosstalk exclusion comb filter features high precision comb characteristics in an adjustment-free circuit.
• Built-in peripheral circuits allow applications to be constructed with a minimum number of external components.
• Positive-phase signal input/positive-phase signal output (luminance signal)

Functions
• Two CCD shift registers (for chrominance and luminance signals)
• CCD drive circuits
• CCD stage count switching circuit
• CCD signal adder
• Auto-bias circuit
• Sync tip clamping circuit (luminance signal)
• Center-bias circuit (chrominance signal)
• Sample-and-hold circuit
• PLL 4 × frequency multiplier
• fsc clock output circuit
• RD voltage generator




Similar Part No. - LC89971

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89970 SANYO-LC89970 Datasheet
167Kb / 9P
PAL CCD Delay Line?
LC89970M SANYO-LC89970M Datasheet
167Kb / 9P
PAL CCD Delay Line?
LC89972 SANYO-LC89972 Datasheet
149Kb / 8P
PAL CCD Delay Line???
LC89972M SANYO-LC89972M Datasheet
149Kb / 8P
PAL CCD Delay Line???
LC89973M SANYO-LC89973M Datasheet
150Kb / 8P
PAL CCD Delay Line???
More results


Similar Description - LC89971

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC8991 SANYO-LC8991 Datasheet
39Kb / 4P
NTSC CCD 1H Delay Line
LC8992 SANYO-LC8992 Datasheet
66Kb / 4P
PAL CCD 1H Delay Line
LC89970 SANYO-LC89970 Datasheet
167Kb / 9P
PAL CCD Delay Line?
LC89972M SANYO-LC89972M Datasheet
149Kb / 8P
PAL CCD Delay Line???
LC89973M SANYO-LC89973M Datasheet
150Kb / 8P
PAL CCD Delay Line???
LC89977M SANYO-LC89977M Datasheet
83Kb / 7P
CCD Delay Line for PAL
LC89978M SANYO-LC89978M Datasheet
98Kb / 7P
CCD Delay Line for Multi-System
logo
Sony Corporation
CXL1510M SONY-CXL1510M Datasheet
127Kb / 14P
CCD Delay Line for Multi System
CXL1511M SONY-CXL1511M Datasheet
125Kb / 14P
CCD Delay Line for PAL
CXL1512M SONY-CXL1512M Datasheet
118Kb / 13P
CCD Delay Line for NTSC
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com