Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC89972 Datasheet (PDF) - Sanyo Semicon Device

LC89972 Datasheet PDF - Sanyo Semicon Device
Part # LC89972
Download  LC89972 Download
File Size   149.37 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PAL CCD Delay Line???

LC89972 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC89972 Datasheet PDF - Sanyo Semicon Device

Part # LC89972
Download  LC89972 Click to download

File Size   149.37 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PAL CCD Delay Line???

LC89972 Datasheet (HTML) - Sanyo Semicon Device


LC89972 Product details

Overview
The LC89972M is a CCD delay line for PAL television systems. It incorporates a comb filter for chrominance signal and a 1H delay line for luminance signal.

Features
• 5 V single-voltage power supply
• Built-in PLL 3 × frequency multiplier circuit allows 3 fsc operation from an fsc (4.43 MHz) input.
• Control pin switchable to handle PAL/GBI and 4.43 MHz NTSC systems.
• Built-in chrominance signal crosstalk exclusion comb filter features high-precision comb characteristics in an adjustment-free circuit.
• Built-in peripheral circuits allow applications to be constructed with a minimum number of external components.
• Positive-phase signal input/positive-phase signal output (luminance signal)

Functions
• Two CCD shift registers (for chrominance and luminance signals)
• CCD drive circuits
• CCD stage count switching circuit
• CCD signal adder
• Auto-bias circuit
• Sync tip clamping circuit (luminance signal)
• Center-bias circuit (chrominance signal)
• Sample-and-hold circuit
• PLL 3 × frequency multiplier
• 3 fsc clock output circuit
• RD voltage generator




Similar Part No. - LC89972

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89970 SANYO-LC89970 Datasheet
167Kb / 9P
PAL CCD Delay Line?
LC89970M SANYO-LC89970M Datasheet
167Kb / 9P
PAL CCD Delay Line?
LC89971 SANYO-LC89971 Datasheet
178Kb / 9P
Multi-system CCD Delay Line?
LC89971M SANYO-LC89971M Datasheet
178Kb / 9P
Multi-system CCD Delay Line?
LC89973M SANYO-LC89973M Datasheet
150Kb / 8P
PAL CCD Delay Line???
More results


Similar Description - LC89972

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC8992 SANYO-LC8992 Datasheet
66Kb / 4P
PAL CCD 1H Delay Line
LC89970 SANYO-LC89970 Datasheet
167Kb / 9P
PAL CCD Delay Line?
LC89973M SANYO-LC89973M Datasheet
150Kb / 8P
PAL CCD Delay Line???
LC89977M SANYO-LC89977M Datasheet
83Kb / 7P
CCD Delay Line for PAL
logo
Sony Corporation
CXL1511M SONY-CXL1511M Datasheet
125Kb / 14P
CCD Delay Line for PAL
CXL5003M SONY-CXL5003M Datasheet
98Kb / 8P
CMOS-CCD 1H Delay Line for PAL
CXL5505M SONY-CXL5505M Datasheet
125Kb / 9P
CMOS-CCD 1H Delay Line for PAL
CXL5506M SONY-CXL5506M Datasheet
107Kb / 9P
CMOS-CCD 1H Delay Line for PAL
CXL5508M SONY-CXL5508M Datasheet
104Kb / 9P
CMOS-CCD 1H Delay Line for PAL
CXL5514M SONY-CXL5514M Datasheet
143Kb / 9P
CMOS-CCD 1H Delay Line for PAL
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com