Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE28F4001T Datasheet (PDF) - Sanyo Semicon Device

LE28F4001T Datasheet PDF - Sanyo Semicon Device
Part # LE28F4001T
Download  LE28F4001T Download
File Size   219.23 Kbytes
Page   14 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 4 MEG (524288 words x 8 bits) Flash Memory

LE28F4001T Datasheet (PDF)

Go To PDF Page Download Datasheet
LE28F4001T Datasheet PDF - Sanyo Semicon Device

Part # LE28F4001T
Download  LE28F4001T Click to download

File Size   219.23 Kbytes
Page   14 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 4 MEG (524288 words x 8 bits) Flash Memory

LE28F4001T Datasheet (HTML) - Sanyo Semicon Device


LE28F4001T Product details

Overview

The LE28F4001 Series ICs are 524288-word × 8-bit flash memory products that support on-board reprogramming and feature 5 V single-voltage power supply operation. CMOS peripheral circuits were adopted for high speed, low power, and ease of use. These products support a sector (256 bytes) erase function for fast data rewriting.



Features

• Fabricated in a highly reliable 2-layer polysilicon CMOS flash EEPROM process.

• Read and write operation from a 5 V single-voltage power supply

• Sector erase function: 256 bytes per sector

• Fast access time: 150/200 ns

• Low power

   — Operating current (read): 25 mA (maximum)

   — Standby current: 20 µA (maximum)

• Highly reliable read and write operations

   — Sector write cycles: 104 cycles

   — Data retention time: 10 years

• Address and data latches

• Self-timer erase and programming

• Byte programming time: 35 µs (maximum)

• Write complete detection: Toggle bit and data polling

• Hardware and software data protection

• Pin assignment conforms to the JEDEC byte-wide EEPROM standard

• Packages

   SOP 32-pin (525 mil) plastic package :LE28F4001M

   TSOP 40-pin (10 × 14 mm) plastic package:LE28F4001T

   TSOP 40-pin (10 × 14 mm) plastic package:LE28F4001R



 




Similar Part No. - LE28F4001T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE28F4001C SANYO-LE28F4001C Datasheet
168Kb / 15P
4M-Bit (512k 횞 8) Flash EEPROM
LE28F4001CTS SANYO-LE28F4001CTS Datasheet
168Kb / 15P
4M-Bit (512k 횞 8) Flash EEPROM
LE28F4001CTS-12 SANYO-LE28F4001CTS-12 Datasheet
168Kb / 15P
4M-Bit (512k 횞 8) Flash EEPROM
More results


Similar Description - LE28F4001T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC361000AMLL SANYO-LC361000AMLL Datasheet
158Kb / 8P
1 MEG (131072 words X 8 bits) SRAM
LC374100SM SANYO-LC374100SM Datasheet
64Kb / 4P
4 MEG (524288 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
LC378100QM SANYO-LC378100QM Datasheet
64Kb / 4P
8 MEG (1048576 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
LE28C1001M SANYO-LE28C1001M Datasheet
281Kb / 14P
1MEG (131072 words x 8 bits) Flash Memory
LE28CV1001M SANYO-LE28CV1001M Datasheet
276Kb / 14P
1MEG (131072 words x 8 bits) Flash Memory
LE28FV4001M SANYO-LE28FV4001M Datasheet
230Kb / 14P
4MEG (52488 x 8 Bits) Flash Memory
logo
Samsung semiconductor
K9K8G08U1M SAMSUNG-K9K8G08U1M Datasheet
1Mb / 41P
512M x 8 Bits / 1G x 8 Bits NAND Flash Memory
K9T1G08U0M SAMSUNG-K9T1G08U0M Datasheet
888Kb / 38P
128M x 8 Bits NAND Flash Memory
K9E2G08U0M SAMSUNG-K9E2G08U0M Datasheet
888Kb / 38P
256M x 8 Bits NAND Flash Memory
logo
Texas Instruments
TMS29F040 TI-TMS29F040 Datasheet
482Kb / 37P
524288 BY 8-BIT FLASH MEMORY
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com