Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE28C1001M Datasheet (PDF) - Sanyo Semicon Device

LE28C1001M Datasheet PDF - Sanyo Semicon Device
Part # LE28C1001M
Download  LE28C1001M Download
File Size   281.06 Kbytes
Page   14 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1MEG (131072 words x 8 bits) Flash Memory

LE28C1001M Datasheet (PDF)

Go To PDF Page Download Datasheet
LE28C1001M Datasheet PDF - Sanyo Semicon Device

Part # LE28C1001M
Download  LE28C1001M Click to download

File Size   281.06 Kbytes
Page   14 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1MEG (131072 words x 8 bits) Flash Memory

LE28C1001M Datasheet (HTML) - Sanyo Semicon Device


LE28C1001M Product details

Overview

The LE28C1001M, T series ICs are 1 MEG flash memory products that feature a 131072-word ×8-bit organization and 5 V single-voltage power supply operation. CMOS peripheral circuits are adopted for high speed, low power dissipation, and ease of use. A 128-byte page rewrite function provides rapid data rewriting.



Features

• Highly reliable 2-layer polysilicon CMOS flash EEPROM process

• Read and write operations using a 5 V single-voltage power supply

• Fast access time: 90, 120, and 150 ns

• Low power dissipation

— Operating current (read): 30 mA (maximum)

— Standby current: 20 µA (maximum)

• Highly reliable read/write

— Erase/write cycles: 104/103 cycles

— Data retention: 10 years

• Address and data latches

• Fast page rewrite operation

— 128 bytes per page

— Byte/page rewrite time: 5 ms (typical)

— Chip rewrite time: 5 s (typical)

• Automatic rewriting using internally generated Vpp

• Rewrite complete detection function

— Toggle bit

— Data polling

• Hardware and software data protection functions

• All inputs and outputs are TTL compatible.

• Pin assignment conforms to the JEDEC byte-wide EEPROM standard.

• Package

  SOP 32-pin (525 mil) plastic package : LE28C1001M

  TSOP 32-pin (8 ×20 mm)plastic package : LE28C1001T




Similar Part No. - LE28C1001M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE28CV1001M SANYO-LE28CV1001M Datasheet
276Kb / 14P
1MEG (131072 words x 8 bits) Flash Memory
LE28CV1001T SANYO-LE28CV1001T Datasheet
276Kb / 14P
1MEG (131072 words x 8 bits) Flash Memory
LE28CV1001T-12 SANYO-LE28CV1001T-12 Datasheet
276Kb / 14P
1MEG (131072 words x 8 bits) Flash Memory
LE28CV1001T-15 SANYO-LE28CV1001T-15 Datasheet
276Kb / 14P
1MEG (131072 words x 8 bits) Flash Memory
More results


Similar Description - LE28C1001M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC361000AMLL SANYO-LC361000AMLL Datasheet
158Kb / 8P
1 MEG (131072 words X 8 bits) SRAM
LC371100SP SANYO-LC371100SP Datasheet
80Kb / 5P
1 MEG (131072 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
LE28CV1001M SANYO-LE28CV1001M Datasheet
276Kb / 14P
1MEG (131072 words x 8 bits) Flash Memory
LE28F4001M SANYO-LE28F4001M Datasheet
219Kb / 14P
4 MEG (524288 words x 8 bits) Flash Memory
LE28FV4001M SANYO-LE28FV4001M Datasheet
230Kb / 14P
4MEG (52488 x 8 Bits) Flash Memory
LC338128P SANYO-LC338128P Datasheet
194Kb / 10P
1MEG (131072 WORDS X 8BITS) PSEUDO-SRAM
logo
Samsung semiconductor
K9K8G08U1M SAMSUNG-K9K8G08U1M Datasheet
1Mb / 41P
512M x 8 Bits / 1G x 8 Bits NAND Flash Memory
K9T1G08U0M SAMSUNG-K9T1G08U0M Datasheet
888Kb / 38P
128M x 8 Bits NAND Flash Memory
logo
List of Unclassifed Man...
HN28F101 ETC-HN28F101 Datasheet
106Kb / 18P
131072-word x 8-bit CMOS Flash Memory
logo
Samsung semiconductor
K9E2G08U0M SAMSUNG-K9E2G08U0M Datasheet
888Kb / 38P
256M x 8 Bits NAND Flash Memory
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com