Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE28C1001M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LE28C1001M
Description  1MEG (131072 words x 8 bits) Flash Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE28C1001M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LE28C1001M Datasheet HTML 1Page - Sanyo Semicon Device LE28C1001M Datasheet HTML 2Page - Sanyo Semicon Device LE28C1001M Datasheet HTML 3Page - Sanyo Semicon Device LE28C1001M Datasheet HTML 4Page - Sanyo Semicon Device LE28C1001M Datasheet HTML 5Page - Sanyo Semicon Device LE28C1001M Datasheet HTML 6Page - Sanyo Semicon Device LE28C1001M Datasheet HTML 7Page - Sanyo Semicon Device LE28C1001M Datasheet HTML 8Page - Sanyo Semicon Device LE28C1001M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Block Diagram
Pin Assignments
Pin Functions
No. 5129-2/14
LE28C1001M, T-90/12/15
Symbol
Pin
Function
A16 to A0
Address input
Supply the memory address to these pins.
The address is latched internally during a write cycle.
These pins output data during a read cycle and input data during a write cycle.
DQ7 to DQ0
Data input and output
Data is latched internally during a write cycle.
Outputs go to the high-impedance state when either OE or CE is high.
CE
Chip enable
The device is active when CE is low.
When CE is high, the device becomes unselected and goes to the standby state.
OE
Output enable
Makes the data output buffers active.
OE is an active-low input.
WE
Write enable
Makes the write operation active.
WE is an active-low input.
VCC
Power supply
Apply 5 V (±10%) to this pin.
VSS
Ground
N.C.
No connection
These pins must be left open.
A05759
A05760



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com