Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE28C1001M Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LE28C1001M
Description  1MEG (131072 words x 8 bits) Flash Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE28C1001M Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LE28C1001M Datasheet HTML 1Page - Sanyo Semicon Device LE28C1001M Datasheet HTML 2Page - Sanyo Semicon Device LE28C1001M Datasheet HTML 3Page - Sanyo Semicon Device LE28C1001M Datasheet HTML 4Page - Sanyo Semicon Device LE28C1001M Datasheet HTML 5Page - Sanyo Semicon Device LE28C1001M Datasheet HTML 6Page - Sanyo Semicon Device LE28C1001M Datasheet HTML 7Page - Sanyo Semicon Device LE28C1001M Datasheet HTML 8Page - Sanyo Semicon Device LE28C1001M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Function Logic
Software Data Protection Command
Note: Address format A14 to A0 (hex.)
Software Chip Erase Command (5 V single-voltage power supply)
Note: Address format A14 to A0 (hex.)
Software Product ID Entry Command and Exit Command Codes
Notes on software Product ID Command Code:
1. Command Code Address format: A14 to A0 (hex.)
2. With A14 to A1 = VIL,
Manufacturer Code is read with A0 = VIL to be BFH
LE28C1001M, T series Device Code is read with A0 = VIH to be 07H
3. The device does not remain in Software Product ID Mode if powered down.
4. A16 and A15 are VIH or VIL.
No. 5129-3/14
LE28C1001M, T-90/12/15
Mode
CE
OE
WE
A16 to A0
DQ7 to DQ0
Read
VIL
VIL
VIH
AIN
DOUT
Write
VIL
VIH
VIL
AIN
DIN
Standby
VIH
X
X
X
High-Z
Write inhibit
X
VIL
X
X
High-Z/DOUT
X
X
VIH
X
High-Z/DOUT
Software chip erase (5 V, single voltage)
VIL
VIH
VIL
AIN
DIN
A16 to A10 = VIL, A8 to A1 = VIL,
Manufacturer code (BF)
A9 = 12 V, A0 = VIL
Product identification
VIL
VIL
VIH
A16 to A10 = VIL, A8 to A1 = VIL,
Device code (07)
A9 = 12 V, A0 = VIH
Byte sequence
Set protection
Reset protection
Address
Data
Address
Data
Write 0
5555
AA
5555
AA
Write 1
2AAA
55
2AAA
55
Write 2
5555
A0
5555
80
Write 3
5555
AA
Write 4
2AAA
55
Write 5
5555
20
Byte sequence
Protect ID Entry
Protect ID Exit
Address
Data
Address
Data
Write 0
5555
AA
5555
AA
Write 1
2AAA
55
2AAA
55
Write 2
5555
80
5555
F0
Write 3
5555
AA
Write 4
2AAA
55
Write 5
5555
60
Byte sequence
Address
Data
Write 0
5555
AA
Write 1
2AAA
55
Write 2
5555
80
Write 3
5555
AA
Write 4
2AAA
55
Write 5
5555
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com