Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE28C1001M Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LE28C1001M
Description  1MEG (131072 words x 8 bits) Flash Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE28C1001M Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LE28C1001M Datasheet HTML 1Page - Sanyo Semicon Device LE28C1001M Datasheet HTML 2Page - Sanyo Semicon Device LE28C1001M Datasheet HTML 3Page - Sanyo Semicon Device LE28C1001M Datasheet HTML 4Page - Sanyo Semicon Device LE28C1001M Datasheet HTML 5Page - Sanyo Semicon Device LE28C1001M Datasheet HTML 6Page - Sanyo Semicon Device LE28C1001M Datasheet HTML 7Page - Sanyo Semicon Device LE28C1001M Datasheet HTML 8Page - Sanyo Semicon Device LE28C1001M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CMOS LSI
Ordering number : EN*5129A
D3096HA (OT)/N3095HA (OT) No. 5129-1/14
Preliminary
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
1MEG (131072 words
× 8 bits) Flash Memory
LE28C1001M, T-90/12/15
Overview
The LE28C1001M, T series ICs are 1 MEG flash memory
products that feature a 131072-word
× 8-bit organization
and 5 V single-voltage power supply operation. CMOS
peripheral circuits are adopted for high speed, low power
dissipation, and ease of use. A 128-byte page rewrite
function provides rapid data rewriting.
Features
• Highly reliable 2-layer polysilicon CMOS flash
EEPROM process
• Read and write operations using a 5 V single-voltage
power supply
• Fast access time: 90, 120, and 150 ns
• Low power dissipation
— Operating current (read): 30 mA (maximum)
— Standby current:
20 µA (maximum)
• Highly reliable read/write
— Erase/write cycles:
104/103 cycles
— Data retention:
10 years
• Address and data latches
• Fast page rewrite operation
— 128 bytes per page
— Byte/page rewrite time:
5 ms (typical)
— Chip rewrite time:
5 s (typical)
• Automatic rewriting using internally generated Vpp
• Rewrite complete detection function
— Toggle bit
— Data polling
• Hardware and software data protection functions
• All inputs and outputs are TTL compatible.
• Pin assignment conforms to the JEDEC byte-wide
EEPROM standard.
• Package
SOP 32-pin (525 mil) plastic package :
LE28C1001M
TSOP 32-pin (8
× 20 mm)plastic package : LE28C1001T
Package Dimensions
unit: mm
3205-SOP32
unit: mm
3224-TSOP32
SANYO: TSOP32 (TYPE-I)
[LE28C1001T]
These FLASH MEMORY products incorporate technology licensed Silicon Storage Technology, Inc.
[LE28C1001M]
SANYO: SOP32


Similar Part No. - LE28C1001M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE28CV1001M SANYO-LE28CV1001M Datasheet
276Kb / 14P
1MEG (131072 words x 8 bits) Flash Memory
LE28CV1001T SANYO-LE28CV1001T Datasheet
276Kb / 14P
1MEG (131072 words x 8 bits) Flash Memory
LE28CV1001T-12 SANYO-LE28CV1001T-12 Datasheet
276Kb / 14P
1MEG (131072 words x 8 bits) Flash Memory
LE28CV1001T-15 SANYO-LE28CV1001T-15 Datasheet
276Kb / 14P
1MEG (131072 words x 8 bits) Flash Memory
More results

Similar Description - LE28C1001M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC361000AMLL SANYO-LC361000AMLL Datasheet
158Kb / 8P
1 MEG (131072 words X 8 bits) SRAM
LC371100SP SANYO-LC371100SP Datasheet
80Kb / 5P
1 MEG (131072 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
LE28CV1001M SANYO-LE28CV1001M Datasheet
276Kb / 14P
1MEG (131072 words x 8 bits) Flash Memory
LE28F4001M SANYO-LE28F4001M Datasheet
219Kb / 14P
4 MEG (524288 words x 8 bits) Flash Memory
LE28FV4001M SANYO-LE28FV4001M Datasheet
230Kb / 14P
4MEG (52488 x 8 Bits) Flash Memory
LC338128P SANYO-LC338128P Datasheet
194Kb / 10P
1MEG (131072 WORDS X 8BITS) PSEUDO-SRAM
logo
Samsung semiconductor
K9K8G08U1M SAMSUNG-K9K8G08U1M Datasheet
1Mb / 41P
512M x 8 Bits / 1G x 8 Bits NAND Flash Memory
K9T1G08U0M SAMSUNG-K9T1G08U0M Datasheet
888Kb / 38P
128M x 8 Bits NAND Flash Memory
logo
List of Unclassifed Man...
HN28F101 ETC-HN28F101 Datasheet
106Kb / 18P
131072-word x 8-bit CMOS Flash Memory
logo
Samsung semiconductor
K9E2G08U0M SAMSUNG-K9E2G08U0M Datasheet
888Kb / 38P
256M x 8 Bits NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com