Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE28C1001M Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LE28C1001M
Description  1MEG (131072 words x 8 bits) Flash Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE28C1001M Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LE28C1001M Datasheet HTML 6Page - Sanyo Semicon Device LE28C1001M Datasheet HTML 7Page - Sanyo Semicon Device LE28C1001M Datasheet HTML 8Page - Sanyo Semicon Device LE28C1001M Datasheet HTML 9Page - Sanyo Semicon Device LE28C1001M Datasheet HTML 10Page - Sanyo Semicon Device LE28C1001M Datasheet HTML 11Page - Sanyo Semicon Device LE28C1001M Datasheet HTML 12Page - Sanyo Semicon Device LE28C1001M Datasheet HTML 13Page - Sanyo Semicon Device LE28C1001M Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Figure 7 Disable Software Data Protection
Figure 8 Software Chip Erase
AC test inputs are driven at VOH (2.4 V) for a logic 1 and at VOL (0.4 V) for a logic 0. The I/O measurement reference points are VIH (2.0 V) and VIL (0.8 V).
The input rise and fall times (10%
↔ 90%) must be 10 ns or shorter.
Figure 9 AC I/O Reference Waveform
No. 5129-10/14
LE28C1001M, T-90/12/15
A05768
A05769



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com