Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC94040 Datasheet (PDF) - Micrel Semiconductor

MIC94040 Datasheet PDF - Micrel Semiconductor
Part # MIC94040
Download  MIC94040 Download
File Size   1482.45 Kbytes
Page   13 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF짰 package

MIC94040 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC94040 Datasheet PDF - Micrel Semiconductor

Part # MIC94040
Download  MIC94040 Click to download

File Size   1482.45 Kbytes
Page   13 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF짰 package

MIC94040 Datasheet (HTML) - Micrel Semiconductor


MIC94040 Product details

General Description

The MIC94040/1/2/3 is a family of high-side load switches designed to operate from 1.7V to 5.5V input voltage. The load switch pass element is an internal 28mΩ RDSON P-channel MOSFET which enables the device to support up to 3A of continuous current. Additionally, the load switch supports 1.5V logic level control and shutdown features in a tiny 1.2mm x 1.2mm 4 pin MLF® package.



Features

28mΩ RDSON

3A continuous operating current

1.2mm x 1.2mm space saving 4-pin MLF® package

1.7V to 5.5V input voltage range

Internal level shift for CMOS/TTL control logic

Ultra low quiescent current

Micro-power shutdown current

Soft-Start: MIC94042, MIC94043

Load discharge circuit: MIC94041, MIC94043

Ultra fast turn off time

Junction operating temperature from -40ºC to +125ºC



Applications

Cellular phones

Portable Navigation Devices (PND)

Personal Media Players (PMP)

Ultra Mobile PCs

Portable instrumentation

Other Portable applications

PDAs

Industrial and DataComm equipment




Similar Part No. - MIC94040

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94040 MICREL-MIC94040 Datasheet
1Mb / 13P
28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF package
MIC94040 MICREL-MIC94040 Datasheet
821Kb / 16P
High Side Load Switches for Consumer Applications
MIC94040YFL MICREL-MIC94040YFL Datasheet
1Mb / 13P
28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF package
MIC94040 MICREL-MIC94040_09 Datasheet
821Kb / 16P
High Side Load Switches for Consumer Applications
More results


Similar Description - MIC94040

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94040 MICREL-MIC94040 Datasheet
1Mb / 13P
28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF package
logo
MMD Components
VSAA1 MMD-VSAA1 Datasheet
62Kb / 1P
5.0mm x 3.2mm x 1.2mm 2 Pads Ceramic Package
logo
Micrel Semiconductor
MIC94080 MICREL-MIC94080 Datasheet
1Mb / 16P
67m廓 RDSON 2A High Side Load Switch in 0.85mm x 0.85mm Thin MLF Package
MIC94044 MICREL-MIC94044 Datasheet
431Kb / 9P
28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF짰 Package
MIC5363 MICREL-MIC5363 Datasheet
530Kb / 12P
High-PSRR, 300mA, 關Cap LDO in 1.2mm 횞 1.2mm Thin MLF짰
MIC94161 MICREL-MIC94161 Datasheet
742Kb / 12P
3A High-Side Load Switch
MIC95410 MICREL-MIC95410 Datasheet
843Kb / 16P
6.6m廓 RDS(ON), 7A, 5.5V VIN Load Switch in 1.2mm 횞 2.0mm QFN Package
logo
Advanced Crystal Techno...
TWC912 ACT-TWC912 Datasheet
225Kb / 2P
2.0 x 1.2mm Watch crystal
1/02/2017
1612H-SMX-4 ACT-1612H-SMX-4 Datasheet
179Kb / 1P
1.6 x 1.2mm Crystal unit
1/2/2017
logo
Semtech Corporation
SC33001A SEMTECH-SC33001A Datasheet
457Kb / 14P
3A Low VIN Ultra-Low Rdson Load Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com