Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC94080 Datasheet (PDF) - Micrel Semiconductor

MIC94080 Datasheet PDF - Micrel Semiconductor
Part # MIC94080
Download  MIC94080 Download
File Size   1295.39 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 67m廓 RDSON 2A High Side Load Switch in 0.85mm x 0.85mm Thin MLF Package

MIC94080 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC94080 Datasheet PDF - Micrel Semiconductor

Part # MIC94080
Download  MIC94080 Click to download

File Size   1295.39 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 67m廓 RDSON 2A High Side Load Switch in 0.85mm x 0.85mm Thin MLF Package

MIC94080 Datasheet (HTML) - Micrel Semiconductor


MIC94080 Product details

General Description

The MIC94080/1/2/3/4/5 is a family of high-side load switches designed to operate from 1.7V to 5.5V input voltage. The load switch pass element is an internal 67mΩ RDSON P-Channel MOSFET which enables the device to support up to 2A of continuous current. Additionally, the load switch supports 1.5V logic level control and shutdown features in a tiny 0.85mm x 0.85mm 4-pin Thin MLF® package.



Features

• 0.85mm x 0.85mm space saving 4-pin Thin MLF® package

• 1.7V to 5.5V input voltage range

• 2A continuous operating current

• 67mΩ RDSON

• Internal level shift for CMOS/TTL control logic

• Ultra low quiescent current

• Micro-power shutdown current

• Soft-Start: MIC94082/3 (800µs), MIC94084/5 (120µs)

• Load discharge circuit: MIC94081, MIC94083, MIC94085

• Ultra fast turn off time

• Junction operating temperature from -40ºC to +125ºC



Applications

• Cellular phones

• Portable Navigation Devices (PND)

• Personal Media Players (PMP)

• Ultra Mobile PCs

• Portable instrumentation

• Other Portable applications

• PDAs

• GPS Modules

• Industrial and DataComm equipment



 




Similar Part No. - MIC94080

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC94080 MICROCHIP-MIC94080 Datasheet
1Mb / 16P
67mΩ RDSON 2A High Side Load Switch in 0.85mm x 0.85mm Thin MLF® Package
January 2011
MIC94080YFT MICROCHIP-MIC94080YFT Datasheet
1Mb / 16P
67mΩ RDSON 2A High Side Load Switch in 0.85mm x 0.85mm Thin MLF® Package
January 2011
More results


Similar Description - MIC94080

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94040 MICREL-MIC94040 Datasheet
1Mb / 13P
28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF package
MIC9404X MICREL-MIC9404X Datasheet
1Mb / 13P
28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF짰 package
MIC94044 MICREL-MIC94044 Datasheet
431Kb / 9P
28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF짰 Package
logo
Unisonic Technologies
US205 UTC-US205 Datasheet
201Kb / 5P
100m廓, 2A SLEW RATE CONTROLLED LOAD SWITCH
logo
Richtek Technology Corp...
RT9724 RICHTEK-RT9724 Datasheet
316Kb / 13P
100m廓, 2A Slew Rate Controlled Load Switch
logo
Maxim Integrated Produc...
21-0576 MAXIM-21-0576 Datasheet
56Kb / 2P
PACKAGE OUTLINE, 20L 4*4*0.85MM QFN PKG, WITH DIMPLE LEADS
REV .A
logo
Anpec Electronics Corop...
APL3513 ANPEC-APL3513 Datasheet
248Kb / 16P
2A High Side Load Switches
logo
Monolithic Power System...
MP5073 MPS-MP5073 Datasheet
972Kb / 16P
5.5V, 2A Low RDSON Load Switch With Programmable Current Limit
MP5083 MPS-MP5083 Datasheet
883Kb / 14P
5.5V, 2A Low RDSON Load Switch with Current Monitoring
logo
CRYSTEK CORPORATION
CS-FFB-MSR CRYSTEKMICROWAVE-CS-FFB-MSR Datasheet
92Kb / 2P
2.9mm Jack to 0.85mm Semi Rigid, Bulkhead
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com