Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US205 Datasheet (PDF) - Unisonic Technologies

US205 Datasheet PDF - Unisonic Technologies
Part # US205
Download  US205 Download
File Size   201.63 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 100m廓, 2A SLEW RATE CONTROLLED LOAD SWITCH

US205 Datasheet (PDF)

Go To PDF Page Download Datasheet
US205 Datasheet PDF - Unisonic Technologies

Part # US205
Download  US205 Click to download

File Size   201.63 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 100m廓, 2A SLEW RATE CONTROLLED LOAD SWITCH

US205 Datasheet (HTML) - Unisonic Technologies


US205 Product details

DESCRIPTION
The UTC US205 is a cost-effective, low-voltage, low switch-on resistance (typ. 100mΩ) high-side Power Switch IC. It has a 20μA low quiescent supply current that meets the requirements of battery-powered portable equipment.
The UTC US205 incorporates protection circuits, such as an over-current protection circuit, a short fold back circuit, a thermal shutdown circuit and an under-voltage lockout circuit for overall protection. Besides, a slew rate controlled function is embedded for turn-on rising time control.
The UTC US205 can be usedin applications, such as Cellular Phones, Digital still Camera, Hot swap Supplies, Notebook Computers, Personal Communication Devices, Personal Digital Assistants and so on.
The UTC US205 is available in SOP-8 package.

FEATURES
* High-Side NMOSFET: 100mΩ (TYP)
* Input Voltage Varies From 2.7V to 5.5V
* Low Supply Current: 20μA
* Over Current Protection
* Short Circuit Protection
* Under Voltage Lockout
* Thermal Protection with Foldback
* Slew Rate Limited Turn-On Time 3ms (5V)
* Reverse Blocking Current
* RoHS Compliant




Similar Part No. - US205

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US205XG-S08-R UTC-US205XG-S08-R Datasheet
201Kb / 5P
2A SLEW RATE CONTROLLED LOAD SWITCH
US205XL-S08-R UTC-US205XL-S08-R Datasheet
201Kb / 5P
2A SLEW RATE CONTROLLED LOAD SWITCH
US205 UTC-US205_15 Datasheet
201Kb / 5P
2A SLEW RATE CONTROLLED LOAD SWITCH
More results


Similar Description - US205

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
2006.03.1.3
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
2006.11.1.4
logo
Advanced Analogic Techn...
AAT4280A_0511 ANALOGICTECH-AAT4280A_0511 Datasheet
201Kb / 14P
Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
AAT4280 ANALOGICTECH-AAT4280_06 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
Slew Rate Controlled Load Switch
logo
Richtek Technology Corp...
RT9724 RICHTEK-RT9724 Datasheet
316Kb / 13P
100m廓, 2A Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
Slew Rate Controlled Load Switch
logo
Unisonic Technologies
US205 UTC-US205_15 Datasheet
201Kb / 5P
2A SLEW RATE CONTROLLED LOAD SWITCH
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com