Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9724 Datasheet (PDF) - Richtek Technology Corporation

RT9724 Datasheet PDF - Richtek Technology Corporation
Part # RT9724
Download  RT9724 Download
File Size   316.72 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 100m廓, 2A Slew Rate Controlled Load Switch

RT9724 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9724 Datasheet PDF - Richtek Technology Corporation

Part # RT9724
Download  RT9724 Click to download

File Size   316.72 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 100m廓, 2A Slew Rate Controlled Load Switch

RT9724 Datasheet (HTML) - Richtek Technology Corporation


RT9724 Product details

General Description
The RT9724 is a cost-effective, low-voltage, single N-MOSFET high-side Power Switch IC. Low switch-on resistance (typ. 100mΩ) and low supply current (typ. 50uA) are realized in this IC. The RT9724 integrates an overcurrent protection circuit, a short fold back circuit, a thermal shutdown circuit and an under-voltage lockout circuit for overall protection. Besides, a slew rate controlled function is embedded for turn-on rising time control. The RT9724 is available in SOT-23-5 and WDFN-8L 2x2 package.

Features
● 100mΩ (typ.) N-MOSFET Switch
● Operating Range : 2.7V to 5.5V
● Reverse Blocking Current
● Under Voltage Lockout
● Thermal Protection with Foldback
● Over Current Protection
● Short Circuit Protection
● Slew Rate Limited Turn-On Time 3ms (5V)
● RoHS Compliant and Halogen Free

Applications
● Cellular Phones
● Digital still Camera
● Hot swap Supplies
● Notebook Computers
● Personal Communication Devices
● Personal Digital Assistants




Similar Part No. - RT9724

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9721A RICHTEK-RT9721A Datasheet
204Kb / 13P
80m廓, 500mA High-Side Power Switches with Flag
RT9722 RICHTEK-RT9722 Datasheet
320Kb / 14P
145m廓, 1.5A Power Switch with Programmable Current Limit
RT9725A RICHTEK-RT9725A Datasheet
281Kb / 17P
Express Card Power Interface Switch
RT9726 RICHTEK-RT9726 Datasheet
115Kb / 8P
High-Voltage Hysteresis Selectable Temperature Switch
RT9727A RICHTEK-RT9727A Datasheet
157Kb / 9P
N-MOSFET Load Switch Controller
More results


Similar Description - RT9724

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
2006.03.1.3
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
2006.11.1.4
logo
Advanced Analogic Techn...
AAT4280A_0511 ANALOGICTECH-AAT4280A_0511 Datasheet
201Kb / 14P
Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
AAT4280 ANALOGICTECH-AAT4280_06 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
Slew Rate Controlled Load Switch
logo
Unisonic Technologies
US205 UTC-US205 Datasheet
201Kb / 5P
100m廓, 2A SLEW RATE CONTROLLED LOAD SWITCH
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
Slew Rate Controlled Load Switch
logo
Unisonic Technologies
US205 UTC-US205_15 Datasheet
201Kb / 5P
2A SLEW RATE CONTROLLED LOAD SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com