Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9722 Datasheet (PDF) - Richtek Technology Corporation

RT9722 Datasheet PDF - Richtek Technology Corporation
Part # RT9722
Download  RT9722 Download
File Size   320.12 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 145m廓, 1.5A Power Switch with Programmable Current Limit

RT9722 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9722 Datasheet PDF - Richtek Technology Corporation

Part # RT9722
Download  RT9722 Click to download

File Size   320.12 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 145m廓, 1.5A Power Switch with Programmable Current Limit

RT9722 Datasheet (HTML) - Richtek Technology Corporation


RT9722 Product details

General Description
The RT9722 is a cost effective, low voltage, single P-MOSFET high side power switch IC. Typical 145mΩ switch on resistance and 10μA quiescent current are realized in this IC. In order to fit different application, a SET pin is offered for current limit point setting, a resistor from SET to Ground sets the current limit for this switch.

Features
● Programmable Current Limit : 0.2A to 1.5A
● Low Quiescent Current : 10μA
● Low Shutdown Current : 0.1μA
● 145mΩ Switch On Resistance
● Operating Voltage Range : 2.4V to 5.5V
● Under Voltage Lockout
● Thermal Shutdown Protection
● RoHS Compliant and Halogen Free

Applications
● Handheld Devices
● Hot Swap Supplies
● Notebooks
● Peripheral Ports
● Personal Communication Devices




Similar Part No. - RT9722

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9721A RICHTEK-RT9721A Datasheet
204Kb / 13P
80m廓, 500mA High-Side Power Switches with Flag
RT9724 RICHTEK-RT9724 Datasheet
316Kb / 13P
100m廓, 2A Slew Rate Controlled Load Switch
RT9724GB RICHTEK-RT9724GB Datasheet
316Kb / 13P
100m廓, 2A Slew Rate Controlled Load Switch
RT9724GQW RICHTEK-RT9724GQW Datasheet
316Kb / 13P
100m廓, 2A Slew Rate Controlled Load Switch
RT9725A RICHTEK-RT9725A Datasheet
281Kb / 17P
Express Card Power Interface Switch
More results


Similar Description - RT9722

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4766 MAXIM-MAX4766 Datasheet
326Kb / 12P
0.075A to 1.5A, Programmable Current-Limit Switch
Rev 0; 10/04
logo
Richtek Technology Corp...
RT9728A RICHTEK-RT9728A Datasheet
222Kb / 13P
120m廓, 1.3A Power Switch with Programmable Current Limit
logo
Monolithic Power System...
MP5011 MPS-MP5011 Datasheet
833Kb / 12P
12V, 5A Switch with Programmable Current Limit
logo
Richtek Technology Corp...
RT9728C RICHTEK-RT9728C Datasheet
210Kb / 13P
Power Switch with Programmable Current Limit
logo
Rohm
BD82000FVJ-LB ROHM-BD82000FVJ-LB Datasheet
532Kb / 26P
1.5A Current Limit High Side Switch ICs
BD82020FVJ ROHM-BD82020FVJ Datasheet
622Kb / 24P
1.5A Current Limit High Side Switch ICs
BD82030FVJ ROHM-BD82030FVJ Datasheet
664Kb / 24P
1.5A Current Limit High Side Switch ICs
BD82031FVJ ROHM-BD82031FVJ Datasheet
666Kb / 24P
1.5A Current Limit High Side Switch ICs
logo
Will Semiconductor Ltd.
WS4603 WILLSEMI-WS4603 Datasheet
1Mb / 10P
80m廓,Adjustable Current Limit, Power Distribution Switch
logo
Lowpower Semiconductor ...
LPW5201 POWER-LPW5201 Datasheet
285Kb / 4P
Power Switch with Programmable Current Limit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com