Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9722 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9722
Description  145m廓, 1.5A Power Switch with Programmable Current Limit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9722 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9722 Datasheet HTML 1Page - Richtek Technology Corporation RT9722 Datasheet HTML 2Page - Richtek Technology Corporation RT9722 Datasheet HTML 3Page - Richtek Technology Corporation RT9722 Datasheet HTML 4Page - Richtek Technology Corporation RT9722 Datasheet HTML 5Page - Richtek Technology Corporation RT9722 Datasheet HTML 6Page - Richtek Technology Corporation RT9722 Datasheet HTML 7Page - Richtek Technology Corporation RT9722 Datasheet HTML 8Page - Richtek Technology Corporation RT9722 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RT9722
1
DS9722-00 August 2011
www.richtek.com
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Ordering Information
Pin Configurations
(TOP VIEW)
WDFN-6L 2x2
SOT-23-5
145m
Ω
Ω
Ω
Ω
Ω, 1.5A Power Switch with Programmable Current Limit
General Description
The RT9722 is a cost effective, low voltage, single
P-MOSFET high side power switch IC. Typical 145m
Ω
switch on resistance and 10
μA quiescent current are
realized in this IC. In order to fit different application, a
SET pin is offered for current limit point setting, a resistor
from SET to Ground sets the current limit for this switch.
In addition, the RT9722 integrates a thermal shutdown
circuit and under voltage lockout circuit for overall
protection, and a FLAG output with delay is available to
indicate fault conditions to the local controller.
The RT9722 is an ideal solution for high side power load
switch and can support flexible applications since it is
available in various package such as WDFN-6L 2x2,
SOT-23-5 and SOT-23-6.
Features
Programmable Current Limit : 0.2A to 1.5A
Low Quiescent Current : 10
μμμμμA
Low Shutdown Current : 0.1
μμμμμA
145m
Ω
Ω
Ω
Ω
Ω Switch On Resistance
Operating Voltage Range : 2.4V to 5.5V
Under Voltage Lockout
Thermal Shutdown Protection
RoHS Compliant and Halogen Free
Applications
HandheldDevices
Hot Swap Supplies
Notebooks
Peripheral Ports
Personal Communication Devices
VOUT GND SET
VIN
4
23
5
EN/EN
VOUT GND SET
VIN
4
23
5
6
EN/EN
FLG
SET
VIN
NC
VOUT
5
4
1
2
3
6
7
FLG
EN/EN
SOT-23-6
RT9722
Package Type
B : SOT-23-5
E : SOT-23-6
QW : WDFN-6L 2x2 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
EN Function
A : Active High
B : Active Low


Similar Part No. - RT9722

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9721A RICHTEK-RT9721A Datasheet
204Kb / 13P
80m廓, 500mA High-Side Power Switches with Flag
RT9724 RICHTEK-RT9724 Datasheet
316Kb / 13P
100m廓, 2A Slew Rate Controlled Load Switch
RT9724GB RICHTEK-RT9724GB Datasheet
316Kb / 13P
100m廓, 2A Slew Rate Controlled Load Switch
RT9724GQW RICHTEK-RT9724GQW Datasheet
316Kb / 13P
100m廓, 2A Slew Rate Controlled Load Switch
RT9725A RICHTEK-RT9725A Datasheet
281Kb / 17P
Express Card Power Interface Switch
More results

Similar Description - RT9722

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4766 MAXIM-MAX4766 Datasheet
326Kb / 12P
0.075A to 1.5A, Programmable Current-Limit Switch
Rev 0; 10/04
logo
Richtek Technology Corp...
RT9728A RICHTEK-RT9728A Datasheet
222Kb / 13P
120m廓, 1.3A Power Switch with Programmable Current Limit
logo
Monolithic Power System...
MP5011 MPS-MP5011 Datasheet
833Kb / 12P
12V, 5A Switch with Programmable Current Limit
logo
Richtek Technology Corp...
RT9728C RICHTEK-RT9728C Datasheet
210Kb / 13P
Power Switch with Programmable Current Limit
logo
Rohm
BD82000FVJ-LB ROHM-BD82000FVJ-LB Datasheet
532Kb / 26P
1.5A Current Limit High Side Switch ICs
BD82020FVJ ROHM-BD82020FVJ Datasheet
622Kb / 24P
1.5A Current Limit High Side Switch ICs
BD82030FVJ ROHM-BD82030FVJ Datasheet
664Kb / 24P
1.5A Current Limit High Side Switch ICs
BD82031FVJ ROHM-BD82031FVJ Datasheet
666Kb / 24P
1.5A Current Limit High Side Switch ICs
logo
Will Semiconductor Ltd.
WS4603 WILLSEMI-WS4603 Datasheet
1Mb / 10P
80m廓,Adjustable Current Limit, Power Distribution Switch
logo
Lowpower Semiconductor ...
LPW5201 POWER-LPW5201 Datasheet
285Kb / 4P
Power Switch with Programmable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com