Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9722 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9722
Description  145m廓, 1.5A Power Switch with Programmable Current Limit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9722 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9722 Datasheet HTML 6Page - Richtek Technology Corporation RT9722 Datasheet HTML 7Page - Richtek Technology Corporation RT9722 Datasheet HTML 8Page - Richtek Technology Corporation RT9722 Datasheet HTML 9Page - Richtek Technology Corporation RT9722 Datasheet HTML 10Page - Richtek Technology Corporation RT9722 Datasheet HTML 11Page - Richtek Technology Corporation RT9722 Datasheet HTML 12Page - Richtek Technology Corporation RT9722 Datasheet HTML 13Page - Richtek Technology Corporation RT9722 Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
RT9722
13
DS9722-00 August 2011
www.richtek.com
A
A1
e
b
B
D
C
H
L
SOT-23-6 Surface Mount Package
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
0.889
1.295
0.031
0.051
A1
0.000
0.152
0.000
0.006
B
1.397
1.803
0.055
0.071
b
0.250
0.560
0.010
0.022
C
2.591
2.997
0.102
0.118
D
2.692
3.099
0.106
0.122
e
0.838
1.041
0.033
0.041
H
0.080
0.254
0.003
0.010
L
0.300
0.610
0.012
0.024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com