Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9722 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9722
Description  145m廓, 1.5A Power Switch with Programmable Current Limit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9722 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9722 Datasheet HTML 1Page - Richtek Technology Corporation RT9722 Datasheet HTML 2Page - Richtek Technology Corporation RT9722 Datasheet HTML 3Page - Richtek Technology Corporation RT9722 Datasheet HTML 4Page - Richtek Technology Corporation RT9722 Datasheet HTML 5Page - Richtek Technology Corporation RT9722 Datasheet HTML 6Page - Richtek Technology Corporation RT9722 Datasheet HTML 7Page - Richtek Technology Corporation RT9722 Datasheet HTML 8Page - Richtek Technology Corporation RT9722 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RT9722
2
DS9722-00 August 2011
www.richtek.com
Typical Application Circuit
Figure 1. Typical Application Circuit for SOT-23-5
Package
Figure 2. Typical Application Circuit for SOT-23-6 and
WDFN-6L 2x2 Package
Marking Information
1H=DNN
1H= : Product Code
DNN : Date Code
DQ=DNN
DQ= : Product Code
DNN : Date Code
H0W
H0 : Product Code
W : Date Code
1S=DNN
DT=DNN
DT= : Product Code
DNN : Date Code
H1W
H1 : Product Code
W : Date Code
1S= : Product Code
DNN : Date Code
RT9722AGB
RT9722AGE
RT9722AGQW
RT9722BGB
RT9722BGE
RT9722BGQW
VIN
VOUT
GND
RT9722
EN/EN
SET
Supply
Voltage
Peripheral
1
2
3
4
5
RSET
0.47µF
CIN
Enable
1µF
VIN
GND
RT9722
EN/EN
Supply
Voltage
FLG
Pull-Up Resistor (10k to 100k)
Fault Flag
SET
RSET
VOUT
0.47µF
CIN
Enable
1µF
Peripheral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com