Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9722 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9722
Description  145m廓, 1.5A Power Switch with Programmable Current Limit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9722 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9722 Datasheet HTML 3Page - Richtek Technology Corporation RT9722 Datasheet HTML 4Page - Richtek Technology Corporation RT9722 Datasheet HTML 5Page - Richtek Technology Corporation RT9722 Datasheet HTML 6Page - Richtek Technology Corporation RT9722 Datasheet HTML 7Page - Richtek Technology Corporation RT9722 Datasheet HTML 8Page - Richtek Technology Corporation RT9722 Datasheet HTML 9Page - Richtek Technology Corporation RT9722 Datasheet HTML 10Page - Richtek Technology Corporation RT9722 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
RT9722
7
DS9722-00 August 2011
www.richtek.com
UVLO Threshold Voltage vs. Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 5V, RSET = 16k
Ω, RLOAD = 510Ω
Falling
Rising
Current Limit vs. RSET
0
200
400
600
800
1000
1200
1400
1600
0
10
20304050
6070
RSET (kΩ)
VIN = 5V, RLOAD = 1
Ω
Flag Delay Time vs. Input Voltage
0
2
4
6
8
10
12
14
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
VIN = 5V, RSET = 6.8k
Ω, RLOAD = 0Ω, COUT = 0.47μF
Turn-On Time vs. Temperature
0
5
10
15
20
25
30
-50
-25
0
25
50
75
100
125
Temperature (°C)
RSET = 6.8k
Ω, RLOAD = 10Ω, COUT = 0.47μF
VIN = 5V
VIN = 3V
EN Threshold Voltage vs. Input Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
RSET = 16k
Ω, RLOAD = 510Ω
VIL
VIH
Turn-Off Time vs. Temperature
0
2
4
6
8
10
12
-50
-25
0
25
50
75
100
125
Temperature (°C)
RSET = 6.8k
Ω, RLOAD = 10Ω, COUT = 0.47μF
VIN = 5V
VIN = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com