Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9722 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9722
Description  145m廓, 1.5A Power Switch with Programmable Current Limit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9722 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9722 Datasheet HTML 1Page - Richtek Technology Corporation RT9722 Datasheet HTML 2Page - Richtek Technology Corporation RT9722 Datasheet HTML 3Page - Richtek Technology Corporation RT9722 Datasheet HTML 4Page - Richtek Technology Corporation RT9722 Datasheet HTML 5Page - Richtek Technology Corporation RT9722 Datasheet HTML 6Page - Richtek Technology Corporation RT9722 Datasheet HTML 7Page - Richtek Technology Corporation RT9722 Datasheet HTML 8Page - Richtek Technology Corporation RT9722 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
RT9722
3
DS9722-00 August 2011
www.richtek.com
Function Block Diagram
Functional Pin Description
Pin No.
SOT-23-5 SOT-23-6
WDFN-6L 2x2
Pin Name
Pin Function
1
1
3
VOUT
Switch Output Voltage.
2
2
7 (Exposed Pad) GND
Ground. The exposed pad must be soldered to a large PCB
and connected to GND for maximum power dissipation.
3
3
1
SET
Current Limit Set Input. A resistor from SET to GND sets
the current limit of the switch.
4
4
6
EN/EN
Chip Enable (Active High for RT9722A / Active Low for
RT9722B).
--
5
4
FLG
Fault Flag Open-Drain Output.
5
6
2
VIN
Power Input Voltage.
--
--
5
NC
No Internal Connection.
Gate
Control
Output
Voltage
Detection
Flag
Control
UVLO
Bias
Thermal
Protection
Current
Limiting
VOUT
VIN
GND
FLG
EN/EN
SET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com