Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9722 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9722
Description  145m廓, 1.5A Power Switch with Programmable Current Limit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9722 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9722 Datasheet HTML 1Page - Richtek Technology Corporation RT9722 Datasheet HTML 2Page - Richtek Technology Corporation RT9722 Datasheet HTML 3Page - Richtek Technology Corporation RT9722 Datasheet HTML 4Page - Richtek Technology Corporation RT9722 Datasheet HTML 5Page - Richtek Technology Corporation RT9722 Datasheet HTML 6Page - Richtek Technology Corporation RT9722 Datasheet HTML 7Page - Richtek Technology Corporation RT9722 Datasheet HTML 8Page - Richtek Technology Corporation RT9722 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
RT9722
4
DS9722-00 August 2011
www.richtek.com
To be continued
Absolute Maximum Ratings (Note 1)
Supply Input Voltage, VIN ------------------------------------------------------------------------------------------------ 6V
EN Voltage ------------------------------------------------------------------------------------------------------------------
0.3V to 6V
FLAG, SET Voltage ------------------------------------------------------------------------------------------------------- 6V
Power Dissipation, PD @ TA = 25
°C
SOT-23-5/SOT-23-6 ------------------------------------------------------------------------------------------------------- 0.4W
WDFN-6L 2x2 -------------------------------------------------------------------------------------------------------------- 0.606W
Package Thermal Resistance (Note 2)
SOT-23-5/SOT-23-6 ------------------------------------------------------------------------------------------------------- 250
°C/W
WDFN-6L 2x2,
θJA --------------------------------------------------------------------------------------------------------- 165°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
65°C to 150°C
ESD Susceptibility (Note 3)
HBM -------------------------------------------------------------------------------------------------------------------------- 2kV
MM ---------------------------------------------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VIN ------------------------------------------------------------------------------------------------ 2.4V to 5.5V
EN Voltage ------------------------------------------------------------------------------------------------------------------ 0V to 5.5V
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C
Electrical Characteristics
(VIN = 5V, CIN = 1
μF, COUT = 0.47μF, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Switch On Resistance
RDS(ON)
VIN = 5V, RSET = 20kΩ,
IOUT = 100mA
--
145
180
m
Ω
Quiescent Current
IQ
EN = Active, SET Pin Open,
IOUT = 0
--
10
25
μA
Shutdown Current
ISHDN
EN = Inactive, VOUT = Open
--
0.1
1
μA
Logic-Low
VIL
--
--
0.6
EN/EN Threshold
Voltage
Logic-High VIH
1.4
--
--
V
EN/EN Input Current
IEN/EN
VEN/EN = 5V
--
0.01
0.1
μA
Output Leakage Current
ILEAKAGE
Switch Off, VOUT = 0V
--
0.01
1
μA
Turn On Time
tON
VIN = 5V, RLOAD = 10Ω
--
12
200
μs
Turn Off Time
tOFF
VIN = 5V, RLOAD = 10Ω
--
10
--
μs
Current Limit
ILIM
RSET = 6.8kΩ, VOUT = 4V
0.75
1
1.25
A
Minimum Current Limit
ILIM(MIN)
--
0.2
--
A
Current Limit Response Time
tResponse
RLOAD = 0Ω
--
10
--
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com