Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9726 Datasheet (PDF) - Richtek Technology Corporation

RT9726 Datasheet PDF - Richtek Technology Corporation
Part # RT9726
Download  RT9726 Download
File Size   115.43 Kbytes
Page   8 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High-Voltage Hysteresis Selectable Temperature Switch

RT9726 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9726 Datasheet PDF - Richtek Technology Corporation

Part # RT9726
Download  RT9726 Click to download

File Size   115.43 Kbytes
Page   8 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High-Voltage Hysteresis Selectable Temperature Switch

RT9726 Datasheet (HTML) - Richtek Technology Corporation


RT9726 Product details

General Description
The RT9726 is a temperature switch with wide input voltage range. The over-temperature threshold point is generated by a negative temperature coefficient (NTC) thermistor and a setting resistor. The RT9726 provides an active-low, open drain logic output. OT goes LOW when the NTC pin voltage is lower than 50% of the REF voltage threshold. The RT9726 provides the selectable hysteresis mode that can be set by the EN pin Input voltage. The IC is available in SC-70-6 package.

Features
● Wide Input Voltage Range : 4.75V to 25V
● 0.5μA Shutdown Current
● 2 Selectable Hysteresis Threshold
● Reference Output for Thermal Threshold Setting
● Open-drain Logic Output
● RoHS Compliant and Halogen Free

Applications
● Notebook Temperature Monitoring
● Microprocessor Thermal Management
● Temperature Control
● Fan Control
● Electronic System Protection




Similar Part No. - RT9726

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9721A RICHTEK-RT9721A Datasheet
204Kb / 13P
80m廓, 500mA High-Side Power Switches with Flag
RT9722 RICHTEK-RT9722 Datasheet
320Kb / 14P
145m廓, 1.5A Power Switch with Programmable Current Limit
RT9724 RICHTEK-RT9724 Datasheet
316Kb / 13P
100m廓, 2A Slew Rate Controlled Load Switch
RT9724GB RICHTEK-RT9724GB Datasheet
316Kb / 13P
100m廓, 2A Slew Rate Controlled Load Switch
RT9724GQW RICHTEK-RT9724GQW Datasheet
316Kb / 13P
100m廓, 2A Slew Rate Controlled Load Switch
More results


Similar Description - RT9726

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC6501 MICROCHIP-TC6501 Datasheet
326Kb / 17P
Ultra Small Temperature Switches with Pin Selectable Hysteresis
2004
logo
Micrel Semiconductor
MIC2779 MICREL-MIC2779_06 Datasheet
148Kb / 6P
Voltage Monitor with Adjustable Hysteresis
logo
PIC GmbH
PMC-2003 PIC-PMC-2003 Datasheet
23Kb / 1P
Wide Hysteresis Reed Switch
logo
Microchip Technology
MCP9501 MICROCHIP-MCP9501 Datasheet
338Kb / 20P
Temperature Switch with Selectable Hysteresis
2011
TC6501 MICROCHIP-TC6501_13 Datasheet
254Kb / 16P
Ultra Small Temperature Switches with Pin Selectable Hysteresis
11/29/12
TC6501P115VCTTR MICROCHIP-TC6501P115VCTTR Datasheet
262Kb / 17P
Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P120VCTTRG MICROCHIP-TC6501P120VCTTRG Datasheet
261Kb / 17P
Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P115VCTTR MICROCHIP-TC6501P115VCTTR Datasheet
272Kb / 17P
Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P120VCTTRG MICROCHIP-TC6501P120VCTTRG Datasheet
261Kb / 17P
Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
logo
ON Semiconductor
NCT51 ONSEMI-NCT51 Datasheet
124Kb / 12P
Ultra Small Temperature Switch with Pin-Selectable Hysteresis
June, 2002 ??Rev. 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com