Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2A20115 Datasheet (PDF) - Renesas Technology Corp

R2A20115 Datasheet PDF - Renesas Technology Corp
Part # R2A20115
Download  R2A20115 Download
File Size   143.79 Kbytes
Page   1 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Continuous Conduction Mode PFC IC

R2A20115 Datasheet (PDF)

Go To PDF Page Download Datasheet
R2A20115 Datasheet PDF - Renesas Technology Corp

Part # R2A20115
Download  R2A20115 Click to download

File Size   143.79 Kbytes
Page   1 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Continuous Conduction Mode PFC IC

R2A20115 Datasheet (HTML) - Renesas Technology Corp


R2A20115 Product details

Features
• No reference voltage adjustment resistor is needed with higher accurate built-in circuit (+/-1.6%) than previous products (+/-2%).
• No margin for inductor design is needed with higher accuracy of detect level of the built-in over current protection circuit. (Previously, the margin can not be omitted for its lower accuracy)
• Prevention of “coil vibration” at starting-up or over current period by the function of power limiter. (Previously, it’s not supported)
• The function of power limiter cuts down unnecessary power supplied to the next stage. (Previously, the higher AC input voltage is applied, the higher power can be supplied to the next stage, of which power supply might be heavily loaded unnecessarily.)
• Prevention of overshoot on output voltage by dynamic OVP function without specific Pins. (Previously, this function is not supported or partly supported using specific Pins)
• Power dissipation is cut down by 35% of comparable products.
• Easy system design by using calculation sheet in Excel format provided for customers.




Similar Part No. - R2A20115

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20115SP RENESAS-R2A20115SP Datasheet
128Kb / 8P
Power Factor Correction Controller IC
R2A20115SPW0 RENESAS-R2A20115SPW0 Datasheet
128Kb / 8P
Power Factor Correction Controller IC
R2A20115SP RENESAS-R2A20115SP_15 Datasheet
144Kb / 10P
Power Factor Correction Controller IC
More results


Similar Description - R2A20115

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20114AFP RENESAS-R2A20114AFP Datasheet
243Kb / 17P
Continuous Conduction Mode Interleaving PFC Control IC
R2A20131SP RENESAS-R2A20131SP Datasheet
102Kb / 9P
Continuous Conduction Mode PFC Control IC
R2A20114 RENESAS-R2A20114 Datasheet
146Kb / 12P
Continuous Conduction Mode Interleaving PFC Control IC
R2A20131SP RENESAS-R2A20131SP_15 Datasheet
102Kb / 9P
Continuous Conduction Mode PFC Control IC
R2A20114AFPASP RENESAS-R2A20114AFPASP_15 Datasheet
243Kb / 17P
Continuous Conduction Mode Interleaving PFC Control IC
R2A20114BFP RENESAS-R2A20114BFP Datasheet
1,002Kb / 17P
Continuous Conduction Mode Interleaving PFC Control IC
R2A20131SP RENESAS-R2A20131SP_16 Datasheet
265Kb / 9P
Continuous Conduction Mode PFC Control IC
R2A20114AFP RENESAS-R2A20114AFP_16 Datasheet
406Kb / 17P
Continuous Conduction Mode Interleaving PFC Control IC
R2A20104-114 RENESAS-R2A20104-114 Datasheet
354Kb / 12P
Continuous Conduction Mode Interleaving PFC Control IC
R2A20104 RENESAS-R2A20104 Datasheet
353Kb / 12P
Continuous Conduction Mode Interleaving PFC Control IC
Jan 08, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com