Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2A20131SP Datasheet (PDF) - Renesas Technology Corp

R2A20131SP Datasheet PDF - Renesas Technology Corp
Part # R2A20131SP
Download  R2A20131SP Download
File Size   102.49 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Continuous Conduction Mode PFC Control IC

R2A20131SP Datasheet (PDF)

Go To PDF Page Download Datasheet
R2A20131SP Datasheet PDF - Renesas Technology Corp

Part # R2A20131SP
Download  R2A20131SP Click to download

File Size   102.49 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Continuous Conduction Mode PFC Control IC

R2A20131SP Datasheet (HTML) - Renesas Technology Corp


R2A20131SP Product details

Description
The R2A20131 is power factor correction control IC of continuous conduction mode.
The R2A20131 is built in Load Tracing Boost, Brownout, Over Voltage Protection, Over Current Protection, FeedBack loop Open detection and Power Good Function.
Load tracing boost function bring improvement of efficiency at light load with few external parts.
The feedback loop open detection, and over current protection are built in the R2A20131, and can constitute a power supply system of high reliability with few external parts.
Power Good Function monitors PFC output voltage and can adjust no-good level.

Features
• Absolute Maximum Ratings
   ⎯ Supply voltage Vcc: 24 V
   ⎯ Junction temperature Tj: –40 to +150°C
• Electrical Characteristics
   ⎯ Error amplifier reference voltage Vfb: 2.51 V ± 1.5%
   ⎯ UVLO operation start voltage Vuvlh: 10.5 V ± 0.7 V
   ⎯ UVLO operation shutdown voltage Vuvll: 9.3 V ± 0.5 V
   ⎯ UVLO hysteresis voltage Hysuvl: 1.2 V ± 0.5 V
• Functions
   ⎯ Boost converter control with continuous conduction mode
   ⎯ Load Tracing Boost (LTB) function: Vout is decreased at light load and AC 100 V system.
   ⎯ Brownout function
   ⎯ Over Voltage Protection
   ⎯ Feedback loop Open detection
   ⎯ Over Current Protection
   ⎯ Power good information (Open drain output)
   ⎯ Package: Pb-free SOP-16
      This Device uses Halogen-Free Molding Compound




Similar Part No. - R2A20131SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20131SP RENESAS-R2A20131SP_15 Datasheet
102Kb / 9P
Continuous Conduction Mode PFC Control IC
R2A20131SP RENESAS-R2A20131SP_16 Datasheet
265Kb / 9P
Continuous Conduction Mode PFC Control IC
More results


Similar Description - R2A20131SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20115 RENESAS-R2A20115 Datasheet
143Kb / 1P
Continuous Conduction Mode PFC IC
R2A20114AFP RENESAS-R2A20114AFP Datasheet
243Kb / 17P
Continuous Conduction Mode Interleaving PFC Control IC
R2A20114 RENESAS-R2A20114 Datasheet
146Kb / 12P
Continuous Conduction Mode Interleaving PFC Control IC
R2A20131SP RENESAS-R2A20131SP_15 Datasheet
102Kb / 9P
Continuous Conduction Mode PFC Control IC
R2A20114AFPASP RENESAS-R2A20114AFPASP_15 Datasheet
243Kb / 17P
Continuous Conduction Mode Interleaving PFC Control IC
R2A20114BFP RENESAS-R2A20114BFP Datasheet
1,002Kb / 17P
Continuous Conduction Mode Interleaving PFC Control IC
R2A20131SP RENESAS-R2A20131SP_16 Datasheet
265Kb / 9P
Continuous Conduction Mode PFC Control IC
R2A20114AFP RENESAS-R2A20114AFP_16 Datasheet
406Kb / 17P
Continuous Conduction Mode Interleaving PFC Control IC
R2A20104-114 RENESAS-R2A20104-114 Datasheet
354Kb / 12P
Continuous Conduction Mode Interleaving PFC Control IC
R2A20104 RENESAS-R2A20104 Datasheet
353Kb / 12P
Continuous Conduction Mode Interleaving PFC Control IC
Jan 08, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com