Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL55164 Datasheet (PDF) - Intersil Corporation

ISL55164 Datasheet PDF - Intersil Corporation
Part # ISL55164
Download  ISL55164 Download
File Size   293.53 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description SOC Dual Channel 133MHz Pin Electronics Solution 3.75ns Minimum Pulse Width

ISL55164 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL55164 Datasheet PDF - Intersil Corporation

Part # ISL55164
Download  ISL55164 Click to download

File Size   293.53 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description SOC Dual Channel 133MHz Pin Electronics Solution 3.75ns Minimum Pulse Width

ISL55164 Datasheet (HTML) - Intersil Corporation


ISL55164 Product details

SOC Dual Channel 133MHz Pin Electronics Solution



The ISL55164 is a highly integrated System-on-a-Chip (SOC) pin electronics solution aimed at incorporating every analog function, along with some digital support functionality, required on a per channel basis for Automated Test Equipment, The interface, control and I/O of the chip are all

digital; all analog circuitry isinside the chip. Two complete tester channels are integrated into each ISL55164.

The ISL55164 is pin and functionally compatible with Venus.



Features

• 133MHz

• 3.75ns Minimum Pulse Width

• Pin Electronics Driver/Comparator

- 3 Level Driver (DVH/DVL/VTT)

- 8V Driver Output Swings

- 16V Comparator Input Voltage Range

- Extremely Low HiZ Leakage over 16V Range

• Per Pin PMU

- FV, FI, MV, MI

- 8 Current Ranges (32mA, 8mA, 2mA, 512μA, 128μA, 32μA, 8μA, 2μA)

- +12V Super Voltage Capability

- Resistive Load (8 selectable resistor values)

•Deskew

- Propagation Delay Adjustment (up to 12.8ns range)

- Falling Edge Adjustment (up to ±3.2ns range)

- Auto Calibration via PLL

• On-Chip DC Levels

- 11 Levels/Pin

- Gain and Offset /Level

- DUT Ground Sensing/Pin

• 3-Bit Serial CPU Port

- Load Internal Registers and Memory

- Read Back Internal States

• Flexible High Speed Digital Inputs and Outputs

- Selectable On-Chip Terminations for High Speed Inputs

-50ΩSeries Terminated High Speed for Comparator Outputs

• Package/Power Dissipation

- 64-Lead, 10mm x 10mm TQFP with Top Exposed Heat Slug

-Pdq ≤1.10W/Channel; Pdq ≤ 2.2W/Chip



Applications

• Automated Test Equipment

• Instrumentation

•ASIC Verifiers




Similar Part No. - ISL55164

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55162 INTERSIL-ISL55162 Datasheet
335Kb / 2P
SOC Dual Channel 300MHz Pin Electronics/DAC/PMU/Deskew
March 17, 2011
More results


Similar Description - ISL55164

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1454 TI-TL1454 Datasheet
390Kb / 24P
DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1454A TI-TL1454A Datasheet
409Kb / 27P
DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
logo
Semtech Corporation
E8400B SEMTECH-E8400B Datasheet
388Kb / 1P
100-500MHz Dual Channel, Digitally Programmed Pin Electronics Solution
E8403A SEMTECH-E8403A Datasheet
315Kb / 1P
100-500MHz Dual Channel, Digitally Programmed Pin Electronics Solution
E8404A SEMTECH-E8404A Datasheet
326Kb / 1P
100-500MHz Dual Channel, Digitally Programmed Pin Electronics Solution
E8405A SEMTECH-E8405A Datasheet
467Kb / 1P
100-500MHz Dual Channel, Digitally Programmed Pin Electronics Solution
E8410A SEMTECH-E8410A Datasheet
365Kb / 1P
1GHz Dual Channel, Digitally Programmed Pin Electronics Solution
E8415A SEMTECH-E8415A Datasheet
376Kb / 1P
1GHz Dual Channel, Digitally Programmed Pin Electronics Solution
logo
Intersil Corporation
ISL55162 INTERSIL-ISL55162 Datasheet
335Kb / 2P
SOC Dual Channel 300MHz Pin Electronics/DAC/PMU/Deskew
March 17, 2011
logo
Texas Instruments
TL1454CPW TI1-TL1454CPW Datasheet
384Kb / 25P
DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com