Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL55162 Datasheet (PDF) - Intersil Corporation

ISL55162 Datasheet PDF - Intersil Corporation
Part # ISL55162
Download  ISL55162 Download
File Size   335.72 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description SOC Dual Channel 300MHz Pin Electronics/DAC/PMU/Deskew

ISL55162 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL55162 Datasheet PDF - Intersil Corporation

Part # ISL55162
Download  ISL55162 Click to download

File Size   335.72 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description SOC Dual Channel 300MHz Pin Electronics/DAC/PMU/Deskew

ISL55162 Datasheet (HTML) - Intersil Corporation


ISL55162 Product details

SOC Dual Channel 300MHz Pin Electronics/DAC/PMU/Deskew



The ISL55162 is a highly integrated System-on-a-Chip (SOC) pin electronics solution aimed atincorporating every analog function, along with some digital support circuitry, required on a per channel basis for Automated Test Equipment. The interface, control and I/O of the chip are all digital; all analog circuitry is inside the chip. Two complete tester channels are integrated into each chip.



Features

• Pin Electronics Driver/Comparator

- 3 Level Driver (DVH/DVL/VTT)

- 8V Driver Output Swings

- 16V Comparator Input Voltage Range

- Extremely Low HiZ Leakage over 16V Range

• Per Pin PMU

- FV, FI, MV, MI

- 4 Quadrant Operation

- 8 Current Ranges (32mA, 8mA, 2mA, 512μA, 128μA, 32μA, 8mA, 2μA)

- +13V Super Voltage Capability

- FI Voltage Clamps

- Resistive Load (8 selectable resistor values)

•Deskew

- Propagation Delay Adjustment

- Falling Edge Adjustment

- Delay Range set by PLL Clock

•On-Chip DC Levels

- 11 Levels/Channel

- Gain and Offset Correction/Level

- DUT Ground Sensing and Correction

•3-Bit Serial CPU Port

• Flexible High Speed Digital Inputs and Outputs

- Selectable On-Chip Terminations for Inputs

-50ΩSeries Termination for Comparator Outputs

•Lead Free Package

- 64-Lead, 10mmx10mm TQFP with Top Exposed Heat Slug

- Pdq < 1.1W/Channel



Applications

•Automated Test Equipment

• Instrumentation

•ASIC Verifiers




Similar Part No. - ISL55162

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55164 INTERSIL-ISL55164 Datasheet
293Kb / 2P
SOC Dual Channel 133MHz Pin Electronics Solution 3.75ns Minimum Pulse Width
March 7, 2011
More results


Similar Description - ISL55162

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
E8400B SEMTECH-E8400B Datasheet
388Kb / 1P
100-500MHz Dual Channel, Digitally Programmed Pin Electronics Solution
E8403A SEMTECH-E8403A Datasheet
315Kb / 1P
100-500MHz Dual Channel, Digitally Programmed Pin Electronics Solution
E8404A SEMTECH-E8404A Datasheet
326Kb / 1P
100-500MHz Dual Channel, Digitally Programmed Pin Electronics Solution
E8405A SEMTECH-E8405A Datasheet
467Kb / 1P
100-500MHz Dual Channel, Digitally Programmed Pin Electronics Solution
E8410A SEMTECH-E8410A Datasheet
365Kb / 1P
1GHz Dual Channel, Digitally Programmed Pin Electronics Solution
E8415A SEMTECH-E8415A Datasheet
376Kb / 1P
1GHz Dual Channel, Digitally Programmed Pin Electronics Solution
EDGE6420 SEMTECH-EDGE6420 Datasheet
241Kb / 29P
Per-Pin Electronics Companion DAC
EDGE211 SEMTECH-EDGE211 Datasheet
83Kb / 12P
Dual Pin Electronics Driver
EDGE6435 SEMTECH-EDGE6435 Datasheet
281Kb / 40P
Per-Pin Electronics Companion DAC
logo
Intersil Corporation
ISL55164 INTERSIL-ISL55164 Datasheet
293Kb / 2P
SOC Dual Channel 133MHz Pin Electronics Solution 3.75ns Minimum Pulse Width
March 7, 2011
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com