Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2W1001YP0F Datasheet (PDF) - Sharp Corporation

GP2W1001YP0F Datasheet PDF - Sharp Corporation
Part # GP2W1001YP0F
Download  GP2W1001YP0F Download
File Size   314.93 Kbytes
Page   14 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description IrDA Compliant Transceiver Module 9.6 kb/s to 4 Mb/s (FIR) Low Profile Low Consumption Current

GP2W1001YP0F Datasheet (PDF)

Go To PDF Page Download Datasheet
GP2W1001YP0F Datasheet PDF - Sharp Corporation

Part # GP2W1001YP0F
Download  GP2W1001YP0F Click to download

File Size   314.93 Kbytes
Page   14 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description IrDA Compliant Transceiver Module 9.6 kb/s to 4 Mb/s (FIR) Low Profile Low Consumption Current

GP2W1001YP0F Datasheet (HTML) - Sharp Corporation


GP2W1001YP0F Product details

■ Description
The GP2W1001YP0F is an infrared transceiver module for IrDA ver. 1.4 (FIR).
The transceiver consisits of a pin-photo diode, infrared emitter and control IC in a single package.

■ Features
1. Compliant with the IrDA 1.4 (FIR)
    Transmission speed : 9.6 kb/s to 4 Mb/s
    Transmission distance : 1 m
2. Small package
    L 10.0 × W 4.38 × H 3.53 mm
3. Peak emission wavelength : 880 nm
4. Side view type
5. Soldering reflow type
6. Shield type
7. Low consumption current due to shutdown function
    (Consumption current at shutdown mode : Max. 1.0 μA)
8. Operates from 2.7 to 5.5 V

■ Applications
1. Mobile equipment (Cellular phone, Pager, Smart phone, PDAs, Portable printer, etc. )
2. Digital imaging equipment (Digital camera, Photo imaging printer)
3. POS equipment
4. Personal computers
5. Personal information tools




Similar Part No. - GP2W1001YP0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2W1001YP SHARP-GP2W1001YP Datasheet
1Mb / 23P
DEVICE SPECIPICATION FOR OPTICAL DATA COMMUNICATION TRANSCEIVER
More results


Similar Description - GP2W1001YP0F

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3600 HP-HSDL-3600 Datasheet
567Kb / 34P
IrDA Compliant 4 Mb/s 3 V Infrared Transceiver
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3601 HP-HSDL-3601 Datasheet
685Kb / 31P
IrDA Compliant 4 Mb/s 5 V Infrared Transceiver
HSDL-3210 HP-HSDL-3210 Datasheet
266Kb / 20P
IrDA Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Vishay Siliconix
TFBS6711 VISHAY-TFBS6711 Datasheet
216Kb / 14P
Low Profile Fast Infrared Transceiver (FIR, 4 Mbit/s) for IrDA Applications
21-Feb-07
TFBS6712 VISHAY-TFBS6712 Datasheet
217Kb / 14P
Low Profile Fast Infrared Transceiver (FIR, 4 Mbit/s) for IrDA Applications with Low voltage Logic (1.8 V)
21-Feb-07
logo
Sharp Corporation
GP2W3120YP0F SHARP-GP2W3120YP0F Datasheet
356Kb / 15P
IrDA Compliant Transceiver Module 9.6 kb/s to 4 Mb/s (FIR) Low Profile Low Consumption Current
logo
Lite-On Technology Corp...
HSDL-3209-021 LITEON-HSDL-3209-021 Datasheet
297Kb / 16P
IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com