Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSDL-3209-021 Datasheet (PDF) - Lite-On Technology Corporation

HSDL-3209-021 Datasheet PDF - Lite-On Technology Corporation
Part # HSDL-3209-021
Download  HSDL-3209-021 Download
File Size   297.11 Kbytes
Page   16 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver

HSDL-3209-021 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSDL-3209-021 Datasheet PDF - Lite-On Technology Corporation

Part # HSDL-3209-021
Download  HSDL-3209-021 Click to download

File Size   297.11 Kbytes
Page   16 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver

HSDL-3209-021 Datasheet (HTML) - Lite-On Technology Corporation


HSDL-3209-021 Product details

Description
The HSDL-3209 is an ultra-small low cost infrared transceiver module that provides the interface between logic and infrared (IR) signals for through air, serial, half-duplex IR data link. It is designed to interface to input/output logic circuits as low as 1.5V. The module is compliant to IrDA Physical Layer Specifications version 1.4 Low Power from 9.6 kbit/s to 115.2 kbit/s with extended link distance and it is IEC 825-Class 1 eye safe.

Features
• Fully Compliant to IrDA 1.4 Low Power Specification from 9.6 kbit/s to 115.2 kbit/s
• Miniature Package
    - Height : 1.60 mm
    - Width : 7.00 mm
    - Depth : 2.80 mm
• Guaranteed Temperature Performance, -25 to +70 °C
    - Critical parameters are guaranteed over temperature & supply voltage
• Low Power Consumption
    - Complete shutdown of TXD, RXD, and PIN diode
• Vcc Supply 2.4 to 3.6 Volts
• Interface to Input/Output Logic Circuits as Low as 1.5V
• LED Stuck-High Protection
• Designed to Accommodate Light Loss with Cosmetic Windows
• IEC 825-Class 1 Eye Safe
• Lead-free and RoHS Compliant

Applications
• Mobile Telecom
    - Mobile Phones
    - Pagers
    - Smart Phone
• Data Communication
    - PDAs
    - Portable Printers
• Digital Imaging
    - Digital Cameras
    - Photo-Imaging Printers
• Electronic Wallet




Similar Part No. - HSDL-3209-021

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3209-021 HP-HSDL-3209-021 Datasheet
180Kb / 16P
IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results


Similar Description - HSDL-3209-021

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL3208 HP-HSDL3208 Datasheet
265Kb / 18P
Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3003 HP-HSDL-3003 Datasheet
319Kb / 21P
IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3203 HP-HSDL-3203 Datasheet
238Kb / 19P
Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
IrDA Data Compliant 115.2 kbps Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-3007 AVAGO-ASDL-3007 Datasheet
582Kb / 19P
Data Compliant Low Power 115.2 Kbit/s with Remote Control Infrared Transceiver
HSDL-3203 AVAGO-HSDL-3203 Datasheet
400Kb / 19P
Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3005 AVAGO-HSDL-3005 Datasheet
534Kb / 22P
IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com