Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSDL-3003 Datasheet (PDF) - Agilent(Hewlett-Packard)

HSDL-3003 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HSDL-3003
Download  HSDL-3003 Download
File Size   319.12 Kbytes
Page   21 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver

HSDL-3003 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSDL-3003 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HSDL-3003
Download  HSDL-3003 Click to download

File Size   319.12 Kbytes
Page   21 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver

HSDL-3003 Datasheet (HTML) - Agilent(Hewlett-Packard)


HSDL-3003 Product details

Description
The HSDL-3003 is a small form factor enhanced infrared (IR) transceiver module that provides the capability of (1) interface between logic and IR signals for through-air, serial, half-duplex IR data link, and (2) IR remote control transmission operating at the optimum 940 nm wavelength for universal remote control applications.

General Features
• Guaranteed temperature performance, –20° to 70°C
    – Critical parameters are guaranteed over temperature and supply voltage
• Low power consumption
• Small module size
    – Height: 2.70 mm
    – Width: 8.00 mm
    – Depth: 2.95 mm
• Minimum external components
    – Integrated single-biased LED resistor
    – Direct interoperability to MPU
    – Programmable Txd features
    – Integrated remote control FET
• Withstands >100 mV p-p power supply ripple typically
• VCC supply 2.4 to 3.6 volts
• Integrated EMI shield
• Designed to accommodate light loss with cosmetic windows
• IEC 825-Class 1 eye safe

Remote Control Features
• Wide angle and high radiant intensity
• Spectrally suited to remote control transmission function at 940 nm typically
• Typical link distance up to 8 meters

IrDA® Data Features
• Fully compliant to IrDA® Physical Layer Specification 1.4 low power from 9.6 kbit/s to 115.2 kbit/s (SIR)
    – Excellent nose-to-nose operation
    – Link distance up to 50 cm typically
• Complete shutdown for TxD_IrDA, RxD_IrDA, and PIN diode
• Low power consumption
    – Low idle current, 50 µA typically
    – Low shutdown current, 10 nA typically
• LED stuck-high protection

Applications
• Mobile data communication and universal remote control transmission
    – Personal digital assistants (PDAs)
    – Mobile phones




Similar Part No. - HSDL-3003

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3003 AVAGO-HSDL-3003 Datasheet
443Kb / 21P
IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3003-001 AVAGO-HSDL-3003-001 Datasheet
443Kb / 21P
IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3003-021 AVAGO-HSDL-3003-021 Datasheet
443Kb / 21P
IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
More results


Similar Description - HSDL-3003

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL3208 HP-HSDL3208 Datasheet
265Kb / 18P
Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3203 HP-HSDL-3203 Datasheet
238Kb / 19P
Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-3023 AVAGO-ASDL-3023 Datasheet
909Kb / 25P
IrDA Data Compliant Low Power 4Mbit/s with Remote Control Infrared Transceiver
ASDL-3007 AVAGO-ASDL-3007 Datasheet
582Kb / 19P
Data Compliant Low Power 115.2 Kbit/s with Remote Control Infrared Transceiver
HSDL-3002 AVAGO-HSDL-3002 Datasheet
436Kb / 20P
IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Transmission Infrared Transceiver
HSDL-3003 AVAGO-HSDL-3003 Datasheet
443Kb / 21P
IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3005 AVAGO-HSDL-3005 Datasheet
534Kb / 22P
IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
logo
Lite-On Technology Corp...
ASDL-3023 LITEON-ASDL-3023 Datasheet
640Kb / 26P
IrDA??Data Compliant Low Power 4Mbit/s with Remote Control Infrared Transceiver
HSDL-3209-021 LITEON-HSDL-3209-021 Datasheet
297Kb / 16P
IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com