Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSDL-3003 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HSDL-3003
Description  IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3003 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HSDL-3003 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
Transceiver
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Input Current
High
I H
0.01
1
µAVI ≥ VIH
Low
IL
-1
-0.02
1
µA0 ≤ VI ≤ VIL
Supply Current
Shutdown
ICC1
0.01
1
µAVSD ≥ VCC - 0.5, TA = 25°C
Idle (Standby)
ICC2
50
100
µAVI(TxD) ≤ VIL, EI = 0
Active
ICC3
300
µAVI(TxD) ≥ VIL, EI = 10 mW/cm2
Notes:
3. An in-band optical signal is a pulse/sequence where the peak wavelength,
λP, is defined as 850 nm ≤ λP ≤ 900 nm, and the pulse characteristics
are compliant with the IrDA Serial Infrared Physical Layer Link Specification version 1.4.
4. For in-band signals 9.6 kbit/s to 115.2 kbit/s where 9
µW/cm2 ≤ EI ≤ 500 mW/cm2.
5. Latency is defined as the time from the last TxD_IrDA light output pulse until the receiver has recovered full sensitivity.
6. Receiver Wake Up Time is measured from VCC power ON to valid RxD_IrDA output.
7. Transmitter Wake Up Time is measured from VCC power ON to valid light output in response to a TxD_IrDA pulse.
8. The Optical PW is defined as the maximum time which the IrDA/RC LED will turn on, this is to prevent the long Turn On time for the IrDA and
RC LED.
9. This Limits is Production Test Limits.
Figure 3. Typical 875 nm LED VLEDA vs. ILEDA at
room temperature.
Figure 5. Typical 940 nm LED VLEDA vs. ILEDA at room
temperature performance.
Figure 4. Typical 875 nm LED radiant intensity vs. ILED current
at room temperature.
Figure 6. Typical 940 nm LED radiant intensity vs. ILED
current at room temperature.
0.40
VLEDA (V)
0.10
0
1.5
4.0
0.20
2.0
0.25
0.05
3.0
0.35
3.5
2.5
0.15
0.30
0.8
VLEDA (V)
0.2
0
1.0
2.0
0.4
1.2
0.5
0.1
1.6
0.7
1.8
1.4
0.3
0.6
50
ILEDA CURRENT (A)
40
0.4
0
0
0.2
0.7
15
0.1
0.3
0.5
25
5
10
20
35
45
0.6
30
40
ILED CURRENT (A)
10
0
0
0.3
20
0.05
25
5
0.15
35
0.2
0.1
15
30
0.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com