Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSDL-3003 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HSDL-3003
Description  IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3003 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HSDL-3003 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3003 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
Absolute Maximum Ratings at TA = 25°C
For implementations where case to ambient thermal resistance is
≤ 50°C/W
Parameter
Symbol
Min.
Max.
Units
Conditions
Storage Temperature
TS
-40
100
°C
Operating Temperature
TA
-20
70
°C
LED Supply Voltage
VLED
06
V
Supply Voltage
VCC
06
V
Output Voltage: RxD
VO
06
V
Total LED Current Pulse Amplitude
IVLED
580
mA
≤ 90 µs Pulse Width
≤ 20% Duty Cycle
IR LED Current Pulse Amplitude
(IVLED)IR
280
mA
≤ 90 µs Pulse Width
≤ 20% Duty Cycle
RC LED Current Pulse Amplitude
(IVLED)RC
580
mA
≤ 90 µs Pulse Width
≤ 20% Duty Cycle
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Conditions
Operating Temperature
TA
-20
70
°C
Supply Voltage
VCC
2.4
3.6
V
LED Supply Voltage
VLED
2.4
4.5
V
Logic Input Voltage
Logic High
VIH
2/3 VCC
VCC
V
for TxD_IrDA, TxD_RC
Logic Low
VIL
0
1/3 VCC V
Receiver Input
Logic High
EIH
0.0081
500
mW/cm2
For in-band signals
≤ 115.2 kbit/s[3]
Irradiance
Logic Low
EIL
0.3
µW/cm2 For in-band signals[3]
TxD_IrDA Pulse Width (SIR)
tTPW(SIR)
1.5
1.6
µs
Receiver Data Rate
9.6
115.2
kbit/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com