Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSDL-3003-021 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HSDL-3003-021 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HSDL-3003-021
Download  HSDL-3003-021 Download
File Size   443.46 Kbytes
Page   21 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver

HSDL-3003-021 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSDL-3003-021 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HSDL-3003-021
Download  HSDL-3003-021 Click to download

File Size   443.46 Kbytes
Page   21 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver

HSDL-3003-021 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HSDL-3003-021 Product details

Description
The HSDL-3003 is a small form factor enhanced infrared (IR) transceiver module that provides the capability of (1) interface between logic and IR signals for through-air, serial, half-duplex IR data link, and (2) IR remote control transmission operating at the optimum 940 nm wavelength for universal remote control applications.

General Features
• Guaranteed temperature performance, –20° to 70°C
    – Critical parameters are guaranteed over temperature and supply voltage
• Low power consumption
• Small module size
    – Height: 2.70 mm
    – Width: 8.00 mm
    – Depth: 2.95 mm
• Minimum external components
    – Integrated single-biased LED resistor
    – Direct interoperability to MPU
    – Programmable Txd features
    – Integrated remote control FET
• Withstands >100 mVp-p power supply ripple typically
• VCC supply 2.4 to 3.6 volts
• Integrated EMI shield
• Designed to accommodate light loss with cosmetic windows
• IEC 825-Class 1 eye safe
• Lead-free and RoHS compliant

Remote Control Features
• Wide angle and high radiant intensity
• Spectrally suited to remote control transmission function at 940 nm typically
• Typical link distance up to 8 meters

IrDA® Data Features
• Fully compliant to IrDA® Physical Layer Specification 1.4 low power from 9.6 kbit/s to 115.2 kbit/s (SIR)
    – Excellent nose-to-nose operation
    – Link distance up to 50 cm typically
• Complete shutdown for TxD_IrDA, RxD_IrDA, and PIN diode
• Low power consumption
    – Low idle current, 50 µA typically
    – Low shutdown current, 10 nA typically
• LED stuck-high protection

Applications
• Mobile data communication and universal remote control transmission
    – Personal digital assistants (PDAs)
    – Mobile phones




Similar Part No. - HSDL-3003-021

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3003-021 HP-HSDL-3003-021 Datasheet
319Kb / 21P
IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
More results


Similar Description - HSDL-3003-021

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3003 HP-HSDL-3003 Datasheet
319Kb / 21P
IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-3007 AVAGO-ASDL-3007 Datasheet
582Kb / 19P
Data Compliant Low Power 115.2 Kbit/s with Remote Control Infrared Transceiver
HSDL-3002 AVAGO-HSDL-3002 Datasheet
436Kb / 20P
IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Transmission Infrared Transceiver
HSDL-3203 AVAGO-HSDL-3203 Datasheet
400Kb / 19P
Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3005 AVAGO-HSDL-3005 Datasheet
534Kb / 22P
IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3208 LITEON-HSDL-3208 Datasheet
465Kb / 23P
Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3208-025 LITEON-HSDL-3208-025 Datasheet
1Mb / 23P
Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208-S21 LITEON-HSDL-3208-S21 Datasheet
488Kb / 22P
Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com