Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KS8993FL Datasheet (PDF) - Micrel Semiconductor

KS8993FL Datasheet PDF - Micrel Semiconductor
Part # KS8993FL
Download  KS8993FL Download
File Size   574.74 Kbytes
Page   100 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Single Chip Fast Ethernet Media Converter with TS-1000 OAM

KS8993FL Datasheet (PDF)

Go To PDF Page Download Datasheet
KS8993FL Datasheet PDF - Micrel Semiconductor

Part # KS8993FL
Download  KS8993FL Click to download

File Size   574.74 Kbytes
Page   100 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Single Chip Fast Ethernet Media Converter with TS-1000 OAM

KS8993FL Datasheet (HTML) - Micrel Semiconductor


KS8993FL Product details

General Description
The Micrel KS8993F is the industry’s first single chip Fast Ethernet Media Converter with built-in OAM functions. The KS8993F integrates three MACs, two PHYs, OAM, frame buffer and high performance switch into a single chip. It is ideal for use in 100BASE-FX to 10BASE-T or 100BASE-TX conversion in the FTTx market.

Features
• First single-chip 10BASE-T/100BASE-TX to 100BASE-FX media converter with TS-1000 OAM
• Integrated 3-Port 10/100 Ethernet Switch with 3 MACs and 2 PHYs
• Unique User Defined Register (UDR) feature brings OAM to low cost/complexity nodes
• Automatic MDI/MDI-X crossover with disable and enable option
• Non-blocking switch fabric assures fast packet delivery by utilizing an 1K MAC Address lookup table and a store-and-forward architecture
• Comprehensive LED indicator support for link, activity, full/half duplex and 10/100 speed
• Full complement of MII/SNI, SPI, MIIM, SMI and I2C interfaces
• Low Power Dissipation:< 800mW (includes PHY transmit drivers)




Similar Part No. - KS8993FL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8993 MICREL-KS8993 Datasheet
225Kb / 35P
3-Port 10/100 Integrated Switch with PHY and Frame Buffer
KS8993 MICREL-KS8993 Datasheet
205Kb / 35P
3-Port 10/100 Integrated Switch with PHY and Frame Buffer
KS8993 MICREL-KS8993 Datasheet
205Kb / 35P
3-Port 10/100 Integrated Switch with PHY and Frame Buffer
KS8993I MICREL-KS8993I Datasheet
225Kb / 35P
3-Port 10/100 Integrated Switch with PHY and Frame Buffer
KS8993M MICREL-KS8993M Datasheet
1Mb / 85P
Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
More results


Similar Description - KS8993FL

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9301F DAVICOM-DM9301F Datasheet
56Kb / 2P
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
DM9301FP DAVICOM-DM9301FP Datasheet
288Kb / 22P
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
logo
Level One
FVS-GVS-3800 LVL1-FVS-GVS-3800 Datasheet
1Mb / 3P
Ethernet Media Converter
IEC-4000 LVL1-IEC-4000 Datasheet
506Kb / 3P
Industrial Fast Ethernet mini Media Converter
IEC-4002 LVL1-IEC-4002 Datasheet
515Kb / 3P
Industrial Fast Ethernet Mini Media Converter
IEC-4301 LVL1-IEC-4301 Datasheet
515Kb / 3P
Industrial Fast Ethernet Mini Media Converter
logo
Weidmuller
1286880000 WEIDMULLER-1286880000 Datasheet
244Kb / 4P
Industrial Fast Ethernet media converter
1286890000 WEIDMULLER-1286890000 Datasheet
243Kb / 4P
Industrial Fast Ethernet media converter
1286900000 WEIDMULLER-1286900000 Datasheet
243Kb / 4P
Industrial Fast Ethernet media converter
logo
Advantech Co., Ltd.
856-15410 ADVANTECH-856-15410 Datasheet
536Kb / 2P
10/100/1000 Mbps Ethernet Media Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com