Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002ZW Datasheet (PDF) - Unisonic Technologies

2N7002ZW Datasheet PDF - Unisonic Technologies
Part # 2N7002ZW
Download  2N7002ZW Download
File Size   164.81 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 300m Amps, 60 Volts DUAL N-CHANNEL ENHANCEMENT MODE MOSFET

2N7002ZW Datasheet (PDF)

Go To PDF Page Download Datasheet
2N7002ZW Datasheet PDF - Unisonic Technologies

Part # 2N7002ZW
Download  2N7002ZW Click to download

File Size   164.81 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 300m Amps, 60 Volts DUAL N-CHANNEL ENHANCEMENT MODE MOSFET

2N7002ZW Datasheet (HTML) - Unisonic Technologies


2N7002ZW Product details

DESCRIPTION
The UTC 2N7002ZW uses advanced technology to provide excellent RDS(ON), low gate charge and low gate voltages during operation. This device is suitable for use as a load switch or in PWM applications.

FEATURES
* Low Reverse Transfer Capacitance (CRSS = typical 3.0 pF)
* ESD Protected
* Fast Switching Capability
* Avalanche Energy Specified
* Improved dv/dt Capability, High Ruggedness




Similar Part No. - 2N7002ZW

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N7002ZW UTC-2N7002ZW Datasheet
164Kb / 3P
300mA, 60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
2N7002ZWG-AL3-R UTC-2N7002ZWG-AL3-R Datasheet
164Kb / 3P
300mA, 60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
2N7002ZWL-AL3-R UTC-2N7002ZWL-AL3-R Datasheet
164Kb / 3P
300mA, 60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
2N7002ZW UTC-2N7002ZW_12 Datasheet
164Kb / 3P
300mA, 60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Similar Description - 2N7002ZW

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
60N06 UTC-60N06 Datasheet
201Kb / 8P
60 Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7000Z UTC-2N7000Z Datasheet
156Kb / 3P
115m Amps, 60 Volts N-CHANNEL ENHANCEMENT MODE MOSFET
2N7002DW UTC-2N7002DW Datasheet
306Kb / 6P
300m Amps, 60 Volts DUAL N-CHANNEL POWER MOSFET
2N7002K UTC-2N7002K Datasheet
164Kb / 3P
300m Amps, 60 Volts N-CHANNEL ENHANCEMENT MODE MOSFET
2N7002W UTC-2N7002W Datasheet
158Kb / 3P
300m Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7002Z UTC-2N7002Z Datasheet
169Kb / 4P
300m Amps, 60 Volts N-CHANNEL ENHANCEMENT MODE MOSFET
2N7002ZDW UTC-2N7002ZDW Datasheet
176Kb / 3P
300m Amps, 60 Volts DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
2N7002ZT UTC-2N7002ZT Datasheet
164Kb / 3P
300m Amps, 60 Volts DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
UTT150N06 UTC-UTT150N06 Datasheet
196Kb / 6P
150 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
KIA Semiconductor Techn...
50N06 KIA-50N06 Datasheet
338Kb / 6P
50 Amps, 60 Volts N-CHANNEL MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com