Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3648 Datasheet (PDF) - Unisonic Technologies

2SC3648 Datasheet PDF - Unisonic Technologies
Part # 2SC3648
Download  2SC3648 Download
File Size   233.66 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS

2SC3648 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3648 Datasheet PDF - Unisonic Technologies

Part # 2SC3648
Download  2SC3648 Click to download

File Size   233.66 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS

2SC3648 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - 2SC3648

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3648 SANYO-2SC3648 Datasheet
113Kb / 4P
High-Voltage Switching, Predriver Applications
logo
Unisonic Technologies
2SC3648 UTC-2SC3648 Datasheet
171Kb / 4P
HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
logo
Guangdong Kexin Industr...
2SC3648 KEXIN-2SC3648 Datasheet
495Kb / 3P
High-Voltage Switching Applications
logo
Sanyo Semicon Device
2SC3648 SANYO-2SC3648 Datasheet
102Kb / 5P
High-Voltage Switching, Preriver Applications
2SC3648 SANYO-2SC3648 Datasheet
452Kb / 7P
High-Voltage Switching, Preriver Applications
More results


Similar Description - 2SC3648

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1207 SANYO-2SA1207 Datasheet
108Kb / 4P
High-Voltage Switching, AF 60W Predriver Applications
2SA1208 SANYO-2SA1208 Datasheet
107Kb / 4P
High-Voltage Switching, Audio 80W Output Predriver Applications
2SA1209 SANYO-2SA1209 Datasheet
104Kb / 4P
160V/140mA High-Voltage Switching AF 100W Predriver Applications
2SA1415 SANYO-2SA1415 Datasheet
108Kb / 4P
High-Voltage Switching, Predriver Applications
2SA1418 SANYO-2SA1418 Datasheet
113Kb / 4P
High-Voltage Switching, Predriver Applications
2SA1210 SANYO-2SA1210 Datasheet
274Kb / 7P
HIGH VOLTAGE SWITCHING, AF 150W PREDRIVER APPLICATIONS
logo
Unisonic Technologies
2SC3648 UTC-2SC3648 Datasheet
171Kb / 4P
HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
2SC3648 UTC-2SC3648_15 Datasheet
243Kb / 5P
HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
2SC4027 UTC-2SC4027_15 Datasheet
152Kb / 5P
HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
logo
ON Semiconductor
2SA1415 ONSEMI-2SA1415 Datasheet
96Kb / 5P
High-Voltage Switching Predriver Applications
Jan-2011, Rev. 0
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com