Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4242 Datasheet (PDF) - Unisonic Technologies

2SC4242 Datasheet PDF - Unisonic Technologies
Part # 2SC4242
Download  2SC4242 Download
File Size   145.25 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description SWITCHMODE SERIES NPN POWER TRANSISTORS

2SC4242 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4242 Datasheet PDF - Unisonic Technologies

Part # 2SC4242
Download  2SC4242 Click to download

File Size   145.25 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description SWITCHMODE SERIES NPN POWER TRANSISTORS

2SC4242 Datasheet (HTML) - Unisonic Technologies


2SC4242 Product details

DESCRIPTION
The UTC 2SC4242 is a high-voltage, high-speed switching power transistor and designed particularly for 115 and 220V switch mode applications, such as switching regulators, inverters, DC-DC converter and general purpose power amplifiers.

FEATURES
* Low saturation voltage.
* Switching time: tF=0.5μs (Max.)@ IC=5.0A
* High reliability




Similar Part No. - 2SC4242

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SC4242 MOSPEC-2SC4242 Datasheet
120Kb / 3P
POWER TRANSISTOR(7A,400V,40W)
logo
List of Unclassifed Man...
2SC4242 ETC-2SC4242 Datasheet
105Kb / 1P
MOLD TYPE BIPOLAR TRANSISTORS
logo
Suntac Electronic Corp.
2SC4242 SUNTAC-2SC4242 Datasheet
129Kb / 2P
TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE,HIGH SPEED SWITCHING
logo
Savantic, Inc.
2SC4242 SAVANTIC-2SC4242 Datasheet
152Kb / 4P
Silicon NPN Power Transistors
logo
Dc Components
2SC4242 DCCOM-2SC4242 Datasheet
196Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
More results


Similar Description - 2SC4242

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6738 BOCA-2N6738 Datasheet
153Kb / 3P
SWITCHMODE SERIES NPN POWER TRANSISTORS
BUX84 BOCA-BUX84 Datasheet
109Kb / 2P
SWITCHMODE SERIES NPN POWER TRANSISTORS
logo
ON Semiconductor
2N6547 ONSEMI-2N6547 Datasheet
77Kb / 8P
SWITCHMODE Series NPN Silicon Power Transistors
April, 2001 ??Rev. 6
logo
Unisonic Technologies
MJE13009 UTC-MJE13009 Datasheet
185Kb / 8P
SWITCHMODE SERIES NPN SWITCHMODE SERIES NPN TRANSISTORS
logo
Tiger Electronic Co.,Lt...
MJE13003 TGS-MJE13003 Datasheet
84Kb / 1P
SWITCHMODE Series NPN Silicon Power Transistors
logo
New Jersey Semi-Conduct...
MJE16002 NJSEMI-MJE16002 Datasheet
126Kb / 3P
SWITCHMODE Series NPN Silicon Power Transistors
MJE13004 NJSEMI-MJE13004 Datasheet
121Kb / 3P
SWITCHMODE SERIES NPN POWER TRANSISTORS
2SC2335 NJSEMI-2SC2335 Datasheet
83Kb / 2P
SWITCHMODE SERIES NPN POWER TRANSISTORS
logo
Unisonic Technologies
2SC4242 UTC-2SC4242_15 Datasheet
145Kb / 4P
SWITCHMODE SERIES NPN POWER TRANSISTORS
logo
Mospec Semiconductor
2SC2335 MOSPEC-2SC2335 Datasheet
135Kb / 3P
SWITCHMODE SERIES NPN POWER TRANSISTORS
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com